Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH1-16S-2.54DSA Datasheet(PDF) 4 Page - Hirose Electric

Part # FH1-16S-2.54DSA
Description  2.54mm Pitch Miniature Connector for Flexible Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH1-16S-2.54DSA Datasheet(HTML) 4 Page - Hirose Electric

  FH1-16S-2.54DSA Datasheet HTML 1Page - Hirose Electric FH1-16S-2.54DSA Datasheet HTML 2Page - Hirose Electric FH1-16S-2.54DSA Datasheet HTML 3Page - Hirose Electric FH1-16S-2.54DSA Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D5
Product No.
HRS No.
Unit: mm
FH1-05S-2.54DSA
FH1-08S-2.54DSA
FH1-10S-2.54DSA
FH1-11S-2.54DSA
FH1-12S-2.54DSA
FH1-13S-2.54DSA
FH1-14S-2.54DSA
FH1-15S-2.54DSA
FH1-16S-2.54DSA
FH1-17S-2.54DSA
FH1-18S-2.54DSA
FH1-19S-2.54DSA
FH1-20S-2.54DSA
FH1-21S-2.54DSA
FH1-22S-2.54DSA
FH1-27S-2.54DSA
FH1-29S-2.54DSA
CL586-0036-5
CL586-0021-8
CL586-0023-3
CL586-0024-6
CL586-0025-9
CL586-0026-1
CL586-0030-9
CL586-0031-1
CL586-0032-4
CL586-0008-0
CL586-0009-2
CL586-0010-1
CL586-0011-4
CL586-0012-7
CL586-0013-0
CL586-0014-2
CL586-0037-8
5
8
10
11
12
13
14
15
16
17
18
19
20
21
22
27
29
18.3
26.0
31.0
33.6
36.1
38.7
41.3
43.8
46.3
48.8
51.4
53.9
56.4
59.0
61.5
73.0
79.3
15.39
23.01
28.09
30.63
33.17
35.71
38.25
40.79
43.33
45.87
48.41
50.95
53.49
56.03
58.57
70.00
76.35
10.16
17.78
22.86
25.40
27.94
30.48
33.02
35.56
38.10
40.64
43.18
45.72
48.26
50.80
53.34
66.04
71.12
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
4.5
5.0
Number of Contacts
A
B
C
D
E
F
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
6.0
sStraight Type


Similar Part No. - FH1-16S-2.54DSA

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FH1-G WJCI-FH1-G Datasheet
753Kb / 7P
   High Dynamic Range FET
FH1-G WJCI-FH1-G Datasheet
301Kb / 7P
   High Dynamic Range FET
logo
TriQuint Semiconductor
FH1-G TRIQUINT-FH1-G Datasheet
816Kb / 10P
   High Dynamic Range FET
FH1-G TRIQUINT-FH1-G_15 Datasheet
816Kb / 10P
   High Dynamic Range FET
More results

Similar Description - FH1-16S-2.54DSA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1971567 TEC-C-1971567 Datasheet
263Kb / 2P
   MINIATURE HERMAPHRODITIC BOARD TO BOARD CONNECTOR
C-2213611 TEC-C-2213611 Datasheet
338Kb / 2P
   MINIATURE HERMAPHRODITIC BOARD TO BOARD CONNECTOR
logo
Hirose Electric
HIF3HA HIROSE-HIF3HA Datasheet
211Kb / 6P
   2.54mm Pitch Board to Board Connector
logo
Panasonic Semiconductor
R-F775 PANASONIC-R-F775 Datasheet
57Kb / 2P
   Flexible circuit board materials
logo
Hirose Electric
A3E-44PA-2DSA HIROSE-A3E-44PA-2DSA Datasheet
284Kb / 9P
   2mm Pitch Miniature Connector for HDD
A3E HIROSE-A3E Datasheet
221Kb / 9P
   2mm Pitch Miniature Connector for HDD
logo
First Components Intern...
950526-004 FCI-950526-004 Datasheet
729Kb / 4P
   Connector System for Flexible Circuitry (0.100in./2.54mm pitch) Maximum reliability; Low applied cos
logo
Samtec, Inc
DW-01-17-T-S-200 SAMTEC-DW-01-17-T-S-200 Datasheet
164Kb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com