Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10158CIWM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10158CIWM
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10158CIWM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10158CIWM Datasheet HTML 1Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 2Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 3Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10158CIWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ = AV+ = DV+ = + 5.0 V
DC,VREF
+ = 5.000 V
DC,VREF
= GND, V= GND for unipolar
operation or V
= −5.0 V
DC for bipolar operation, and fCLK = 5.0 MHz unless otherwise specified. Boldface limits apply for TA
= T
J = TMIN to TMAX; all other limits TA = TJ = 25˚C. (Notes 8, 9, 12)
Symbol
Parameter
Conditions
Typical
Limits
(Note 11)
Units
(Limit)
(Note 10)
DYNAMIC CONVERTER AND MULTIPLEXER CHARACTERISTICS
−3 dB Unipolar Full
V
IN = 4.85 Vp–p
200
kHz
Power Bandwidth
−3 dB Bipolar Full
V
IN = ±4.85V
200
kHz
Power Bandwidth
REFERENCE CHARACTERISTICS (Unipolar Operation V
= GND Only)
VREFOut
Reference Output Voltage
2.5 ±1%
2.5 ± 2%
V (Max)
∆V
REF/∆t
VREFOut Temperature Coefficient
40
ppm/˚C
∆V
REF/∆IL
Load Regulation
Sourcing
0 mA
≤ I
L ≤ +4 mA
0.003
0.1
%/mA (Max)
Sinking
0 mA
≥ I
L ≥ −1 mA
0.2
0.6
%/mA (Max)
Line Regulation
4.5V
≤ V+ ≤ 5.5V
0.5
6
mV (Max)
I
SC
Short Circuit Current
VREFOut = 0V
14
25
mA (Max)
∆V
REF/∆t
Long-Term Stability
200
ppm/1 kHr
t
SU
Start-Up Time
C
L = 330 µF
20
ms
DIGITAL AND DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
+ = 5.5V
2.0
V (Min)
V
IN(0)
Logical “0” Input Voltage
V
+ = 4.5V
0.8
V (Max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
0.005
2.5
µA (Max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−2.5
µA (Max)
V
OUT(1)
Logical “1” Output Voltage
V
+ = 4.5V:
I
OUT = −360 µA
2.4
V (Min)
I
OUT = −10 µA
4.25
V (Min)
V
OUT(0)
Logical “0” Output Voltage
V
+ = 4.5V
0.4
V (Max)
I
OUT = 1.6 mA
I
OUT
TRI-STATE® Output Current
V
OUT = 0V
−0.01
−3
µA (Max)
V
OUT = 5V
0.01
3
µA (Max)
+I
SC
Output Short Circuit Source Current
V
OUT = 0V
−40
−10
mA (Min)
−I
SC
Output Short Circuit
V
OUT = DV
+
30
10
mA (Min)
Sink Current
DI+
Digital Supply Current
CS = HIGH
0.75
2
mA (Max)
CS = HIGH, f
CLK = 0Hz
0.15
mA (Max)
AI
+
Analog Supply Current
CS = HIGH
3
4.5
mA (Max)
CS = HIGH, f
CLK = 0Hz
3
mA (Max)
I
Negative Supply Current
CS = HIGH
3.5
4.5
mA (Max)
CS = HIGH, f
CLK = 0Hz
3.5
mA (Max)
I
REF
Reference Input Current
V
REF
+ = 5V
0.7
1.1
mA (Max)
www.national.com
5


Similar Part No. - ADC10158CIWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10158CIWM TI-ADC10158CIWM Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10158CIWM/NOPB TI-ADC10158CIWM/NOPB Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10158CIWMX TI-ADC10158CIWMX Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10158CIWMX/NOPB TI-ADC10158CIWMX/NOPB Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
More results

Similar Description - ADC10158CIWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10158CIWM TI-ADC10158CIWM Datasheet
438Kb / 25P
[Old version datasheet]   ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
logo
Maxim Integrated Produc...
MAX120 MAXIM-MAX120_V01 Datasheet
2Mb / 15P
   500ksps, 12-Bit ADCs with Track/Hold and Reference
2012
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Maxim Integrated Produc...
MAX120 MAXIM-MAX120 Datasheet
633Kb / 16P
   500ksps, 12-Bit ADCs with Track/Hold And Refrence
19-0030; Rev 0; 9/92
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com