Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX8C-100P-SV Datasheet(PDF) 6 Page - Hirose Electric

Part # FX8C-100P-SV
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8C-100P-SV Datasheet(HTML) 6 Page - Hirose Electric

Back Button FX8C-100P-SV Datasheet HTML 2Page - Hirose Electric FX8C-100P-SV Datasheet HTML 3Page - Hirose Electric FX8C-100P-SV Datasheet HTML 4Page - Hirose Electric FX8C-100P-SV Datasheet HTML 5Page - Hirose Electric FX8C-100P-SV Datasheet HTML 6Page - Hirose Electric FX8C-100P-SV Datasheet HTML 7Page - Hirose Electric FX8C-100P-SV Datasheet HTML 8Page - Hirose Electric FX8C-100P-SV Datasheet HTML 9Page - Hirose Electric FX8C-100P-SV Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
A241
22.20
28.20
34.20
40.20
46.20
Note: The two-piece connection product is packaged by tray.
[FX8C-**/**P11-SV1J]
[FX8C-**/**P11-SV2J]
[FX8C-**/**P11-SV4J]
[FX8C-**/**P11-SV6J]
Note1: The two-piece connection product is packaged by tray.
Note2: The locator material is installed between leads for the FX8C-**/**P1-SV6J type.
Unit:mm
CL No.
Part Number
578-0651-1
578-0653-7
578-0655-2
578-0656-5
578-0657-8
FX8C-060/060P11-SVJ
FX8C-080/080P11-SVJ
FX8C-100/100P11-SVJ
FX8C-120/120P11-SVJ
FX8C-140/140P11-SVJ
Number of Contacts
60∞2
80∞2
100∞2
120∞2
140∞2
A
B
31.70
37.70
43.70
49.70
55.70
24.70
30.70
36.70
42.70
48.70
C
D
E
F
20.70
26.70
32.70
38.70
44.70
17.40
23.40
29.40
35.40
41.40
22.20
28.20
34.20
40.20
46.20
23.00
29.00
35.00
41.00
47.00
Part Number
CL No.
Unit: mm
FX8C-060/060P11-SV1J
FX8C-060/060P11-SV2J
FX8C-060/060P11-SV4J
FX8C-060/060P11-SV6J
FX8C-080/080P11-SV1J
FX8C-080/080P11-SV2J
FX8C-080/080P11-SV4J
FX8C-080/080P11-SV6J
FX8C-100/100P11-SV1J
FX8C-100/100P11-SV2J
FX8C-100/100P11-SV4J
FX8C-100/100P11-SV6J
FX8C-120/120P11-SV1J
FX8C-120/120P11-SV2J
FX8C-120/120P11-SV4J
FX8C-120/120P11-SV6J
FX8C-140/140P11-SV1J
FX8C-140/140P11-SV2J
FX8C-140/140P11-SV4J
FX8C-140/140P11-SV6J
578-0671-9
578-0691-6
578-0731-9
578-0751-6
578-0673-4
578-0693-1
578-0733-4
578-0753-1
578-0675-0
578-0695-7
578-0735-0
578-0755-7
578-0676-2
578-0696-0
578-0736-2
578-0756-0
578-0677-5
578-0697-2
578-0737-5
578-0757-2
60∞2
80∞2
100∞2
120∞2
140∞2
31.70
37.70
43.70
49.70
55.70
24.70
30.70
36.70
42.70
48.70
23.00
29.00
35.00
41.00
47.00
17.40
23.40
29.40
35.40
41.40
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
4.35
5.35
7.35
9.35
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
5.45
6.45
8.45
10.45
Number of Contacts
A
B
C
D
E
F
G
H
20.70
26.70
32.70
38.70
44.70
sHeader (two-pieces Connection Product)
[FX8C-**/**P11-SVJ]


Similar Part No. - FX8C-100P-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-100/100P11-SV1J HIROSE-FX8-100/100P11-SV1J Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100P11-SVJ HIROSE-FX8-100/100P11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100S11-SVJ HIROSE-FX8-100/100S11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV HIROSE-FX8-100P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV1 HIROSE-FX8-100P-SV1 Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8C-100P-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com