Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13A-13S-1.25C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF13A-13S-1.25C
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13A-13S-1.25C Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF13A-13S-1.25C Datasheet HTML 3Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 4Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 5Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 6Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 7Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 8Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 9Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 10Page - Hirose Electric DF13A-13S-1.25C Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
B189
sSingle Row Right Angle Pin Header (SMT)
s(Four-Wall/Correspond to Emboss Absorption)
BPCB mounting pattern
[Specific No.] – **, (**)
(20): Tin plated tube packaging
(21): Tin plated embossed tape packaging
(50): Gold plated tube packaging
(51): Gold plated embossed tape packaging
Note 1.Please order the tube packaging product, multiplying the tube packaging quantity.
Note 2.Please order the embossed tape packaging product according to reel number. (1000 pcs. per reel)
BTube Dimensions
Unit: mm
Part Number
CL No.
DF13- 2P-1.25H(**)
DF13- 3P-1.25H(**)
DF13- 4P-1.25H(**)
DF13- 5P-1.25H(**)
DF13- 6P-1.25H(**)
DF13- 7P-1.25H(**)
DF13- 8P-1.25H(**)
DF13- 9P-1.25H(**)
DF13-10P-1.25H(**)
DF13-11P-1.25H(**)
DF13-12P-1.25H(**)
DF13-14P-1.25H(**)
DF13-15P-1.25H(**)
536-0251-1-**
536-0252-4-**
536-0253-7-**
536-0254-0-**
536-0255-2-**
536-0256-5-**
536-0257-8-**
536-0258-0-**
536-0259-3-**
536-0260-2-**
536-0261-5-**
536-0263-0-**
536-0264-3-**
2
3
4
5
6
7
8
9
10
11
12
14
15
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
16.25
17.50
Number of
Contacts
A
4.15
5.40
6.65
7.90
9.15
10.40
11.65
12.90
14.15
15.40
16.65
19.15
20.40
B
7.15
8.40
9.65
10.90
12.15
13.40
14.65
15.90
17.15
18.40
19.65
22.15
23.40
C
3.35
4.60
5.85
7.10
8.35
9.60
10.85
12.10
13.35
14.60
15.85
18.35
19.60
D
5.65
6.90
8.15
9.40
10.65
11.90
13.15
14.40
15.65
16.90
18.15
20.65
21.90
E
67pcs
57
49
44
39
36
33
30
28
26
24
21
20
16
16
24
24
24
24
24
24
24
32
32
32
44
Tube Packaging
Quantity
Emboss
Width
With
boss
Remarks
DF13A- 2P-1.25H(**)
DF13A- 3P-1.25H(**)
DF13A- 4P-1.25H(**)
DF13A- 5P-1.25H(**)
DF13A- 6P-1.25H(**)
DF13A- 7P-1.25H(**)
DF13A- 8P-1.25H(**)
DF13A- 9P-1.25H(**)
DF13A-10P-1.25H(**)
DF13A-11P-1.25H(**)
DF13A-12P-1.25H(**)
DF13A-14P-1.25H(**)
DF13A-15P-1.25H(**)
536-0301-8-**
536-0302-0-**
536-0303-3-**
536-0304-6-**
536-0305-9-**
536-0306-1-**
536-0307-4-**
536-0308-7-**
536-0309-0-**
536-0310-9-**
536-0311-1-**
536-0313-7-**
536-0314-0-**
2
3
4
5
6
7
8
9
10
11
12
14
15
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
16.25
17.50
4.15
5.40
6.65
7.90
9.15
10.40
11.65
12.90
14.15
15.40
16.65
19.15
20.40
7.15
8.40
9.65
10.90
12.15
13.40
14.65
15.90
17.15
18.40
19.65
22.15
23.40
5.65
6.90
8.15
9.40
10.65
11.90
13.15
14.40
15.65
16.90
18.15
20.65
21.90
67pcs
57
49
44
39
36
33
30
28
26
24
21
20
16
16
24
24
24
24
24
24
24
32
32
32
44
Without
boss


Similar Part No. - DF13A-13S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10DS-1.25C HIROSE-DF13-10DS-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10P-1.25DS(20) HIROSE-DF13-10P-1.25DS(20) Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF13-10P-1.25DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com