Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12B-36DP-0.5V Datasheet(PDF) 6 Page - Hirose Electric

Part # DF12B-36DP-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12B-36DP-0.5V Datasheet(HTML) 6 Page - Hirose Electric

  DF12B-36DP-0.5V Datasheet HTML 1Page - Hirose Electric DF12B-36DP-0.5V Datasheet HTML 2Page - Hirose Electric DF12B-36DP-0.5V Datasheet HTML 3Page - Hirose Electric DF12B-36DP-0.5V Datasheet HTML 4Page - Hirose Electric DF12B-36DP-0.5V Datasheet HTML 5Page - Hirose Electric DF12B-36DP-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
A302
[Specific No.] – **, (**)
(81): Gold plated embossed tape packaging
sHeader Without metal fitting
Part Number
CL No.
Number of Contacts
A
B
C
D
E
Remarks
DF12D (3.5)-20DP-0.5V (**)
537-0428-5- **
20
7.2
4.5
5.7
06.6
DF12D (3.5)-30DP-0.5V (**)
537-0430-7- **
30
9.7
7.0
8.2
09.1
DF12D (3.5)-36DP-0.5V (**)
537-0431-0- **
36
11.2
8.5
9.7
10.6
2.8
DF12D (3.5)-40DP-0.5V (**)
537-0432-2- **
40
12.2
9.5
10.7
11.6
DF12D (3.5)-50DP-0.5V (**)
537-0434-8- **
50
14.7
12.0
13.2
14.1
DF12D (3.5)-60DP-0.5V (**)
537-0436-3- **
60
17.2
14.5
15.7
16.6
DF12D (4.0)-20DP-0.5V (**)
537-0453-2- **
20
7.2
4.5
5.7
06.6
DF12D (4.0)-30DP-0.5V (**)
537-0455-8- **
30
9.7
7.0
8.2
09.1
DF12D (4.0)-36DP-0.5V (**)
537-0456-0- **
36
11.2
8.5
9.7
10.6
3.3
Without metal fitting
DF12D (4.0)-40DP-0.5V (**)
537-0457-3- **
40
12.2
9.5
10.7
11.6
With boss
DF12D (4.0)-50DP-0.5V (**)
537-0459-9- **
50
14.7
12.0
13.2
14.1
DF12D (4.0)-60DP-0.5V (**)
537-0461-0- **
60
17.2
14.5
15.7
16.6
DF12D (5.0)-20DP-0.5V (**)
537-0478-3- **
20
7.2
4.5
5.7
06.6
DF12D (5.0)-30DP-0.5V (**)
537-0480-5- **
30
9.7
7.0
8.2
09.1
DF12D (5.0)-36DP-0.5V (**)
537-0481-8- **
36
11.2
8.5
9.7
10.6
4.3
DF12D (5.0)-40DP-0.5V (**)
537-0482-0- **
40
12.2
9.5
10.7
11.6
DF12D (5.0)-50DP-0.5V (**)
537-0484-6- **
50
14.7
12.0
13.2
14.1
DF12D (5.0)-60DP-0.5V (**)
537-0486-1- **
60
17.2
14.5
15.7
16.6
DF12E (3.5)-20DP-0.5V (**)
537-0528-0- **
20
7.2
4.5
5.7
––––
DF12E (3.5)-30DP-0.5V (**)
537-0530-1- **
30
9.7
7.0
8.2
––––
DF12E (3.5)-36DP-0.5V (**)
537-0531-4- **
36
11.2
8.5
9.7
––––
2.8
DF12E (3.5)-40DP-0.5V (**)
537-0532-7- **
40
12.2
9.5
10.7
––––
DF12E (3.5)-50DP-0.5V (**)
537-0534-2- **
50
14.7
12.0
13.2
––––
DF12E (3.5)-60DP-0.5V (**)
537-0536-8- **
60
17.2
14.5
15.7
––––
DF12E (4.0)-20DP-0.5V (**)
537-0553-7- **
20
7.2
4.5
5.7
––––
DF12E (4.0)-30DP-0.5V (**)
537-0555-2- **
30
9.7
7.0
8.2
––––
DF12E (4.0)-36DP-0.5V (**)
537-0556-5- **
36
11.2
8.5
9.7
––––
3.3
Without metal fitting
DF12E (4.0)-40DP-0.5V (**)
537-0557-8- **
40
12.2
9.5
10.7
––––
Without boss
DF12E (4.0)-50DP-0.5V (**)
537-0559-3- **
50
14.7
12.0
13.2
––––
DF12E (4.0)-60DP-0.5V (**)
537-0561-5- **
60
17.2
14.5
15.7
––––
DF12E (5.0)-20DP-0.5V (**)
537-0578-8- **
20
7.2
4.5
5.7
––––
DF12E (5.0)-30DP-0.5V (**)
537-0580-0- **
30
9.7
7.0
8.2
––––
DF12E (5.0)-36DP-0.5V (**)
537-0581-2- **
36
11.2
8.5
9.7
––––
4.3
DF12E (5.0)-40DP-0.5V (**)
537-0582-5- **
40
12.2
9.5
10.7
––––
DF12E (5.0)-50DP-0.5V (**)
537-0584-0- **
50
14.7
12.0
13.2
––––
DF12E (5.0)-60DP-0.5V (**)
537-0586-6- **
60
17.2
14.5
15.7
––––
Unit: mm
qStacking Height: 3.5 to 5mm Product
Note : Plaese order the embossed tape packaging product per reel. (1000 pcs./reel)


Similar Part No. - DF12B-36DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12B-36DS-0.5V HIROSE-DF12B-36DS-0.5V Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF12B-36DS-0.5V HIROSE-DF12B-36DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12B-36DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com