Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1344841 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1344841
Description  18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1344841 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1344841 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1344841 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1344841 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation, overall Beldfoil®
shield (100% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
2
18
19x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
PVC - Polyvinyl Chloride
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
18
7x26
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 1.0668
Outer Jacket Diameter:
Nom. Dia. (mm)
9.347
Outer Jacket Ripcord:
Yes
Overall Cabling
Overall Cabling Lay Length & Direction:
Direction
Left-hand Lay
Overall Nominal Diameter:
9.347 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red and Numbered 1
2
Black & Red and Numbered 2
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +105°C
UL Temperature Rating:
105°C
Bulk Cable Weight:
87.804 Kg/Km
Page 1 of 3
06-08-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9552 Multi-Conductor - 300V Power-Limited Tray Cable


Similar Part No. - 1344841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344840 ETC2-1344840 Datasheet
93Kb / 2P
   Tinned copper conductor, separator, rubber insulation
1344843 ETC2-1344843 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation
1344844 ETC2-1344844 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344845 ETC2-1344845 Datasheet
98Kb / 2P
   Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
1344848 ETC2-1344848 Datasheet
96Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results

Similar Description - 1344841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1682745 ETC2-1682745 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1347098 ETC2-1347098 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors,
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
1346000 ETC2-1346000 Datasheet
101Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
   18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com