Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1344653 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1344653
Description  Beldsol is a dual insulated Magnet Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1344653 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1344653 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1344653 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Overall)
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
41.000
Max. Recommended Current:
Current
.36 A
Breakdown Voltage:
2300 volts minimum at room temperature.
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8053
1 EA
0.531 LB
#26 BELDSOL MAG WIRE
Revision Number: 2
Revision Date: 03-23-2010
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 2 of 2
06-07-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8053 Hook-up/Lead - Magnet Wire


Similar Part No. - 1344653

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
13446 VICOR-13446 Datasheet
33Kb / 1P
   CAPACITOR, ALEL, RADIAL, 560uF, -20%, 35V
13446-01 VICOR-13446-01 Datasheet
33Kb / 1P
   CAPACITOR, ALEL, RADIAL, 560uF, -20%, 35V
logo
List of Unclassifed Man...
134460 ETC-134460 Datasheet
308Kb / 2P
   Tough on the Outside. Smart on the Inside.
134461 ETC-134461 Datasheet
308Kb / 2P
   Tough on the Outside. Smart on the Inside.
134462 ETC-134462 Datasheet
308Kb / 2P
   Tough on the Outside. Smart on the Inside.
More results

Similar Description - 1344653

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346260 ETC2-1346260 Datasheet
94Kb / 2P
   Beldsol is a dual insulated Magnet Wire,
1347157 ETC2-1347157 Datasheet
94Kb / 2P
   Beldsol is a dual insulated Magnet Wire, combining excellent dielectric characteristics of polyurethane and toughness and solvent resistance of a nylon overcoat
1352276 ETC2-1352276 Datasheet
93Kb / 2P
   Beldsol is a dual insulated Magnet Wire, combining excellent dielectric characteristics of polyurethane and toughness and solvent resistance of a nylon overcoat
logo
SparkFun Electronics
PRT-11363 SPARKFUN-PRT-11363 Datasheet
85Kb / 1P
   Magnet Wire Kit
4/16/2015
logo
Littelfuse
59086 LITTELFUSE-59086 Datasheet
517Kb / 3P
   The 59086 is a high precision reed vane sensor with integral actuator magnet
logo
Richtek Technology Corp...
RT9055-NGWSC RICHTEK-RT9055-NGWSC Datasheet
533Kb / 6P
   The RT9055 is a dual channel
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
   Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
   Magnet
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
   Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
   Magnet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com