Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19L-30P-1H Datasheet(PDF) 7 Page - Hirose Electric

Part # DF19L-30P-1H
Description  1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19L-30P-1H Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF19L-30P-1H Datasheet HTML 2Page - Hirose Electric DF19L-30P-1H Datasheet HTML 3Page - Hirose Electric DF19L-30P-1H Datasheet HTML 4Page - Hirose Electric DF19L-30P-1H Datasheet HTML 5Page - Hirose Electric DF19L-30P-1H Datasheet HTML 6Page - Hirose Electric DF19L-30P-1H Datasheet HTML 7Page - Hirose Electric DF19L-30P-1H Datasheet HTML 8Page - Hirose Electric DF19L-30P-1H Datasheet HTML 9Page - Hirose Electric DF19L-30P-1H Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
sSingle Row Socket (Discrete Wire)
sSocket Crimp Contact
Specification No. * * ,(* *)
None : 1 Reel 10,000 pieces per reel
(41) : 1 Reel 20,000 pieces per reel
HRS No.
Product No.
Type
Quantity
Color / Finish
685-0001-2-
685-0002-5-41
DF19-2830SCF (* *)
DF19-3032SCF (* *)
Reel terminal
Reel terminal
10,000 pieces per reel
20,000 pieces per reel
Gold plating
Gold plating
Applicable wire size (core wire composition)
Sheath diameter
AWG#28 (7 strands/0.127 mm)
AWG#30 (7 strands/0.1 mm)
AWG#32 (7 strands/0.08 mm)
Ø0.5 ~Ø0.6mm
Product No.
Type
HRS No.
AP105-DF19S
CM-105
HT302/DF19S
Applicator
Press
Manual crimping tool
CL901-4571-3
CL901-0005-4
CL550-0284-7
Note1: Product is not guaranteed when non-specified tools are used.
Note2: Terminals are cut for manual crimping tool use.
Note1: Please contact us when you use wires other than those specified in the table.
qApplicable Wire (tinned soft conductor)
qRecommended Crimp Tooling
qRecommended Wire
qUL1571
qStrip Length
q1.2~1.9mm
Assembled Socket
DF19-*S-1C
DF19G-*S-1C
Specification No. * * ,(* *)
None: 1 pack (100 pieces)
Note1: Products are sold in bulk packs. To order, specify the number of packs (100 pieces per pack).
Product No.
Number of poles
A
B
HRS No.
Product No.
Number of poles
A
B
HRS No.
CL685-0029-1-* *
CL685-0012-9-* *
CL685-0011-6-* *
CL685-0013-1-* *
DF19 - 8S-1C (* *)
DF19 -14S-1C (* *)
DF19 -20S-1C (* *)
DF19 -30S-1C (* *)
8
14
20
30
11.5
17.5
23.5
33.5
7
13
19
29
CL685-0022-2-* *
CL685-0005-3-* *
CL685-0007-9-* *
CL685-0014-4-* *
DF19G - 8S-1C (* *)
DF19G -14S-1C (* *)
DF19G -20S-1C (* *)
DF19G -30S-1C (* *)
8
14
20
30
11.5
17.5
23.5
33.5
7
13
19
29
Unit: mm


Similar Part No. - DF19L-30P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19L-30P-1H HIROSE-DF19L-30P-1H Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19L-30P-1H(54) HIROSE-DF19L-30P-1H(54) Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF19L-30P-1HGND HIROSE-DF19L-30P-1HGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19L-30P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Samtec, Inc
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com