Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6036924 Datasheet(PDF) 2 Page - SICK AG

Part # 6036924
Description  ULTRASONIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6036924 Datasheet(HTML) 2 Page - SICK AG

  6036924 Datasheet HTML 1Page - SICK AG 6036924 Datasheet HTML 2Page - SICK AG 6036924 Datasheet HTML 3Page - SICK AG 6036924 Datasheet HTML 4Page - SICK AG 6036924 Datasheet HTML 5Page - SICK AG 6036924 Datasheet HTML 6Page - SICK AG 6036924 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UM30-214118 | UM30
ULTRASONIC SENSORS
Ordering information
Type
Part no.
UM30-214118
6036924
Other models and accessories
www.sick.com/UM30
Detailed technical data
Performance
Working range, limiting range
350 mm ... 3,400 mm, 5,000 mm
Resolution
≥ 0.18 mm
Repeatability
± 0.15 % 1)
Accuracy
± 1 % 1) 2)
Temperature compensation
Response time
180 ms
Switching frequency
3 Hz
Output time
43 ms
Ultrasonic frequency (typical)
120 kHz
Detection area (typical)
See diagrams
Additional function
Set switching mode: Distance to object (DtO) / Window (Wnd) / Object between sensor and
background (ObSB), teach-in of switching output, set levels of switching outputs, Invertable
switching output, set on delay switching output, teach-in of analog output, scaling of analog
outputs, Invertable analog output, automatic selection of analog current or voltage output,
temperature compensation, synchronization of up to 10 sensors, multiplexing: no cross talk
of up to 10 sensors, set measurement filters: value filter, filter strength, adjustable sensitivity,
foreground suppression and detection area, switch-off display, reset to factory default 3)
1) Referring to current measurement value.
2) Temperature compensation can be switched off, without temperature compensation: 0.17 % / K.
3) Functions may vary depending on sensor type.
Interfaces
Analog output
1 x 0 V ... 10 V (≥ 100 kΩ) 1)
1 x 4 mA ... 20 mA (≤ 500 Ω) 2) 1) 3)
Resolution analog output 12 bit
1) Automatic selection of analog current or voltage output dependent on load.
2) For 4 mA ... 20 mA and Vs ≤ 20 V max. load ≤ 100 Ω.
3) Subsequent smoothing of the analog output, depending on the application, may increase the response time by up to 200 %.
4) Output Q short-circuit protected.
5) PNP: HIGH = VS - (< 2 V) / LOW = 0 V.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - 6036924

ManufacturerPart #DatasheetDescription
logo
SICK AG
6036920 SICK-6036920 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6036921 SICK-6036921 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6036922 SICK-6036922 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6036923 SICK-6036923 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6036925 SICK-6036925 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
More results

Similar Description - 6036924

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com