Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM30-214118 Datasheet(PDF) 3 Page - SICK AG

Part # UM30-214118
Description  ULTRASONIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UM30-214118 Datasheet(HTML) 3 Page - SICK AG

  UM30-214118 Datasheet HTML 1Page - SICK AG UM30-214118 Datasheet HTML 2Page - SICK AG UM30-214118 Datasheet HTML 3Page - SICK AG UM30-214118 Datasheet HTML 4Page - SICK AG UM30-214118 Datasheet HTML 5Page - SICK AG UM30-214118 Datasheet HTML 6Page - SICK AG UM30-214118 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UM30-214118 | UM30
ULTRASONIC SENSORS
Switching output
1 x PNP (200 mA) 4) 5)
Multifunctional input (MF)
1 x MF
Hysteresis
50 mm
1) Automatic selection of analog current or voltage output dependent on load.
2) For 4 mA ... 20 mA and Vs ≤ 20 V max. load ≤ 100 Ω.
3) Subsequent smoothing of the analog output, depending on the application, may increase the response time by up to 200 %.
4) Output Q short-circuit protected.
5) PNP: HIGH = VS - (< 2 V) / LOW = 0 V.
Mechanics/electronics
Supply voltage Vs
DC 9 V ... 30 V 1) 2)
Power consumption
≤ 2.4 W 3)
Initialization time
< 300 ms
Design
Cylindrical
Housing material
Nickel-plated brass, PBT
Display: TPU
Ultrasonic transducer: polyurethane foam, glass epoxy resin
Connection type
Male connector, M12, 5-pin
Indication
LED display, 2 x LED
Weight
210 g
Sending axis
Straight
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) 15 V ... 30 V when using the analog voltage output.
3) Without load.
Ambient data
Enclosure rating
IP 67
Protection class
III
Ambient temperature
Operation: –25 °C ... +70 °C
Storage: –40 °C ... +85 °C
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - UM30-214118

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM30-214111 SICK-UM30-214111 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
UM30-214112 SICK-UM30-214112 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
UM30-214113 SICK-UM30-214113 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
UM30-214114 SICK-UM30-214114 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
UM30-214115 SICK-UM30-214115 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
More results

Similar Description - UM30-214118

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com