Electronic Components Datasheet Search |
|
AM3356BZCZD30 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
AM3356BZCZD30 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 253 page 4 AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351 SPRS717J – OCTOBER 2011 – REVISED APRIL 2016 www.ti.com Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351 Device Overview Copyright © 2011–2016, Texas Instruments Incorporated 1.2 Applications • Gaming Peripherals • Home and Industrial Automation • Consumer Medical Appliances • Printers • Smart Toll Systems • Connected Vending Machines • Weighing Scales • Educational Consoles • Advanced Toys (1) For more information, see Section 9, Mechanical, Packaging, and Orderable Information. 1.3 Description The AM335x microprocessors, based on the ARM Cortex-A8 processor, are enhanced with image, graphics processing, peripherals and industrial interface options such as EtherCAT and PROFIBUS. The devices support high-level operating systems (HLOS). Linux® and Android™ are available free of charge from TI. The AM335x microprocessor contain the subsystems shown in Figure 1-1 and a brief description of each follows: The microprocessor unit (MPU) subsystem is based on the ARM Cortex-A8 processor and the PowerVR SGX™ Graphics Accelerator subsystem provides 3D graphics acceleration to support display and gaming effects. The PRU-ICSS is separate from the ARM core, allowing independent operation and clocking for greater efficiency and flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols such as EtherCAT, PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, and others. Additionally, the programmable nature of the PRU-ICSS, along with its access to pins, events and all system-on-chip (SoC) resources, provides flexibility in implementing fast, real-time responses, specialized data handling operations, custom peripheral interfaces, and in offloading tasks from the other processor cores of SoC. Device Information(1) PART NUMBER PACKAGE BODY SIZE AM3359ZCZ NFBGA (324) 15.0 mm × 15.0 mm AM3358ZCZ NFBGA (324) 15.0 mm × 15.0 mm AM3357ZCZ NFBGA (324) 15.0 mm × 15.0 mm AM3356ZCZ, AM3356ZCE NFBGA (324), NFBGA (298) 15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm AM3354ZCZ, AM3354ZCE NFBGA (324), NFBGA (298) 15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm AM3352ZCZ, AM3352ZCE NFBGA (324), NFBGA (298) 15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm AM3351ZCE NFBGA (298) 13.0 mm × 13.0 mm |
Similar Part No. - AM3356BZCZD30 |
|
Similar Description - AM3356BZCZD30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |