Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6037671 Datasheet(PDF) 2 Page - SICK AG

Part # 6037671
Description  ULTRASONIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037671 Datasheet(HTML) 2 Page - SICK AG

  6037671 Datasheet HTML 1Page - SICK AG 6037671 Datasheet HTML 2Page - SICK AG 6037671 Datasheet HTML 3Page - SICK AG 6037671 Datasheet HTML 4Page - SICK AG 6037671 Datasheet HTML 5Page - SICK AG 6037671 Datasheet HTML 6Page - SICK AG 6037671 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UM30-213115 | UM30
ULTRASONIC SENSORS
Ordering information
Type
Part no.
UM30-213115
6037671
Other models and accessories
www.sick.com/UM30
Detailed technical data
Performance
Working range, limiting range
200 mm ... 1,300 mm, 2,000 mm
Resolution
≥ 0.18 mm
Repeatability
± 0.15 % 1)
Accuracy
± 1 % 1) 2)
Temperature compensation
Response time
110 ms
Switching frequency
6 Hz
Output time
23 ms
Ultrasonic frequency (typical)
200 kHz
Detection area (typical)
See diagrams
Additional function
Set switching mode: Distance to object (DtO) / Window (Wnd) / Object between sensor and
background (ObSB), teach-in of switching output, set levels of switching outputs, Invertable
switching output, set on delay switching output, temperature compensation, synchronization
of up to 10 sensors, multiplexing: no cross talk of up to 10 sensors, set measurement filters:
value filter, filter strength, adjustable sensitivity, foreground suppression and detection area,
switch-off display, reset to factory default 3)
1) Referring to current measurement value.
2) Temperature compensation can be switched off, without temperature compensation: 0.17 % / K.
3) Functions may vary depending on sensor type.
Interfaces
Switching output
1 x NPN (200 mA) 1) 2)
Multifunctional input (MF)
1 x MF
Hysteresis
20 mm
1) Output Q short-circuit protected.
2) NPN: HIGH ≤ 2 V / LOW = VS.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - 6037671

ManufacturerPart #DatasheetDescription
logo
SICK AG
6037670 SICK-6037670 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037672 SICK-6037672 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037673 SICK-6037673 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037674 SICK-6037674 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037675 SICK-6037675 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
More results

Similar Description - 6037671

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com