Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6037675 Datasheet(PDF) 5 Page - SICK AG

Part # 6037675
Description  ULTRASONIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6037675 Datasheet(HTML) 5 Page - SICK AG

  6037675 Datasheet HTML 1Page - SICK AG 6037675 Datasheet HTML 2Page - SICK AG 6037675 Datasheet HTML 3Page - SICK AG 6037675 Datasheet HTML 4Page - SICK AG 6037675 Datasheet HTML 5Page - SICK AG 6037675 Datasheet HTML 6Page - SICK AG 6037675 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UM30-212114 | UM30
ULTRASONIC SENSORS
Detection area
UM30-212
200
(7.87)
300
(11.81)
300
(11.81)
200
(7.87)
100
(3.94)
100
(3.94)
0
Detection area in mm (inch)
3
4
5
2
0
100
(3.94)
300
(11.81)
200
(7.87)
400
(15.75)
500
(19.69)
600
(23.62)
700
(27.56)
Detection area in mm (inch)
1
①  Sensing range dependent on reflection properties, size and orientation of the object
②  Limiting range
③  Working range
④  Example object: aligned plate 500 mm x 500 mm
⑤  Example object: pipe with 27 mm diameter
Recommended accessories
Other models and accessories
www.sick.com/UM30
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting plate for M30 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M30
5321871
Mounting bracket, M30 thread, steel, zinc coated, without mounting hardware
BEF-WN-M30
5308445
Terminal and alignment brackets
Mounting bracket, M30, axial rotation possible, with threaded mounting hole M6, with-
out mounting hardware
BEF-HA-M30A
5311527
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5


Similar Part No. - 6037675

ManufacturerPart #DatasheetDescription
logo
SICK AG
6037670 SICK-6037670 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037671 SICK-6037671 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037672 SICK-6037672 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037673 SICK-6037673 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
6037674 SICK-6037674 Datasheet
1Mb / 7P
   ULTRASONIC SENSORS
More results

Similar Description - 6037675

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com