Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH12-20S-0.5SV Datasheet(PDF) 1 Page - Hirose Electric

Part # FH12-20S-0.5SV
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12-20S-0.5SV Datasheet(HTML) 1 Page - Hirose Electric

  FH12-20S-0.5SV Datasheet HTML 1Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 2Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 3Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 4Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 5Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 6Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 7Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 8Page - Hirose Electric FH12-20S-0.5SV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
6
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12 Series
sFeatures
1. Ease of Use and Space Savings
Only one finger or 6.9N (Newtons) of force is required to
lock Hirose’s rotational actuator (flip-lock) as compared
to using 2 fingers and 39.2N to close a FFC/FPC
connector from our competition.
The Flip-Lock design also allows customers to place 2
or more connectors side by side as there is no need to
waste additional board space for a side latch.
2. Strengthened Flip-lock Actuator
The standard Flip-Lock requires only 2.0mm height
above the board. A strengthened lock lever is available
which only requires an additional 0.4mm.
3. Supports Thin FPC (0.18mm)
Hirose does not require double-sided FPC to have any
additional strengthening plate or stiffener and can therefore
support a thickness of as little as 0.18mm +/- 0.05.
4. Hirose Ensures Reliability
Hirose’s patented half tuning fork contacts maintain the
required normal force without relying on the connector
housing. With our competitor’s conventional products
the housing walls support the contact force, which does
not provide for long-term reliability.
5. Prevention of Solder Bridge
Excess solder cavity absorbs excessive solder and
avoids solder bridging.
6. Three different assembly types
FH12 is offered in Top & Bottom Contact and Vertical
Mount and offered in both a 0.5mm contact pitch as well
as a 1.0mm contact pitch (bottom contact only).
sApplications
Notebook computers, printers, PDAs, digital cameras and
other compact devices for interconnecting the main circuit
board with the LCD, HDD or other device.
Rotating One-touch Mechanism
q
w
e
Flip-lock


Similar Part No. - FH12-20S-0.5SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-20S-0.5SV HIROSE-FH12-20S-0.5SV Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-20S-0.5SV HIROSE-FH12-20S-0.5SV Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-20S-0.5SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com