Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6657CZHA25 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6657CZHA25
Description  Fixed and Floating-Point Digital Signal Processor
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6657CZHA25 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6657CZHA25 Datasheet HTML 2Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 3Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 4Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 5Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 6Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 7Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 8Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 9Page - Texas Instruments TMS320C6657CZHA25 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 245 page
background image
TMS320C6655, TMS320C6657
SPRS814B – MARCH 2012 – REVISED APRIL 2015
www.ti.com
3
Device Overview
3.1
Device Characteristics
Table 3-1. Characteristics of the C665x Processor
HARDWARE FEATURES
TMS320C6655
TMS320C6657
DDR3 Memory Controller (32-bit bus width) [1.5 V I/O]
1
(clock source = DDRREFCLKN|P)
DDR3 Maximum Data Rate
1333
EDMA3 (64 independent channels) [DSP/3 clock rate]
1
High-speed 1×/2×/4× Serial RapidIO Port (4 lanes)
1
PCIe (2 lanes)
1
10/100/1000 Ethernet
1
Management Data Input/Output (MDIO)
1
HyperLink
1
Peripheral
EMIF16
1
McBSP
2
SPI
1
UART
2
uPP
1
I2C
1
64-Bit Timers (configurable) (internal clock source =
8 (each configurable as two 32-bit timers)
CPU/6 clock frequency)
General-Purpose Input/Output port (GPIO)
32
Encoder/
VCP2 (clock source = CPU/3 clock frequency)
2
Decoder
TCP3d (clock source = CPU/2 clock frequency)
1
Coprocessors
32KB L1 Program Memory [SRAM/Cache]
CorePac Memory
32KB L1 Data Memory [SRAM/Cache]
On-Chip
1024KB L2 Unified Memory/Cache
Memory
ROM Memory
128KB L3 ROM
Multicore Shared Memory
1024KB MSM SRAM
CorePac Revision ID Register
C66x CorePac
See Section 6.5
Revision ID
(address location: 0181 2000h)
JTAG BSDL_ID
JTAGID register (address location: 0262 0018h)
See Section 4.3.3
1250 (1.25GHz)
Frequency
MHz
1000 (1.0 GHz)
-
850 (0.85 GHz)
0.8 (1.25 GHz)
Cycle Time
ns
1 (1.0 GHz)
-
1.175 (0.85 GHz)
Core (V)
SmartReflex variable supply
Voltage
I/O (V)
1.0 V, 1.5 V, and 1.8 V
Process
µm
0.040 µm
Technology
BGA Package
21 mm × 21mm
625-Pin Flip-Chip Plastic BGA (CZH or GZH)
Product
Production Data (PD)
PD
PD
Status(1)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
6
Device Overview
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - TMS320C6657CZHA25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6657CZHA25 TI1-TMS320C6657CZHA25 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6657CZHA25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com