Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5545AZQW12 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C5545AZQW12
Description  Fixed-Point Digital Signal Processor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5545AZQW12 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C5545AZQW12 Datasheet HTML 1Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 2Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 3Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 4Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 5Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 6Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 7Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 8Page - Texas Instruments TMS320C5545AZQW12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMS320C5545
SPRS853C – JULY 2013 – REVISED MARCH 2016
TMS320C5545 Fixed-Point Digital Signal Processor
1
Device Overview
1
1.1
Features
1
• Core:
– High-Performance, Low-Power, TMS320C55x
Fixed-Point Digital Signal Processor
16.67-, 10-ns Instruction Cycle Time
60-, 100-MHz Clock Rate
One or Two Instructions Executed per Cycle
Dual Multiply-and-Accumulate (MAC) Units
(up to 200 Million Multiply-Accumulates per
Second [MMACS])
Two Arithmetic and Logic Units (ALUs)
Three Internal Data and Operand Read
Buses and Two Internal Data and Operand
Write Buses
Software-Compatible With C55x Devices
– 320KB of Zero-Wait State On-Chip RAM,
Composed of:
64KB of Dual-Access RAM (DARAM),
8 Blocks of 4K × 16-Bit
256KB of Single-Access RAM (SARAM),
32 Blocks of 4K × 16-Bit
– 128KB of Zero Wait-State On-Chip ROM
(4 Blocks of 16K x 16-Bit)
– Tightly Coupled Fast Fourier transform (FFT)
Hardware Accelerator
• Peripheral:
– Direct Memory Access (DMA) Controller
Four DMA With 4 Channels Each (16
Channels Total)
– Three 32-Bit General-Purpose (GP) Timers
One Selectable as a Watchdog or GP
– Two Embedded Multimedia Card (eMMC) or
Secure Digital (SD) Interfaces
– Universal Asynchronous Receiver/Transmitter
(UART)
– Serial Port Interface (SPI) With Three Chip
Selects
– Master and Slave Inter-Integrated Circuit (I2C
Bus)
– Four Inter-IC Sound (I2S Bus) for Data
Transport
– Device USB Port With Integrated 2.0 High-
Speed PHY That Supports:
USB 2.0 Full- and High-Speed Device
– LCD Bridge With Asynchronous Interface
– 10-Bit 3-Input Successive Approximation (SAR)
Analog-to-Digital Converter (ADC)
– IEEE 1149.1 (JTAG)
Boundary-Scan-Compatible
– 32 General-Purpose I/O (GPIO) Pins
(Multiplexed With Other Device Functions)
Configure up to 20 GPIO Pins at the Same
Time
• Power:
– Four Core Isolated Power Supply Domains:
Analog, RTC, CPU and Peripherals, and USB
– Three I/O Isolated Power Supply Domains: RTC
I/O, USB PHY, and DVDDIO
– Three integrated LDOs (DSP_LDO, ANA_LDO,
and USB_LDO) to Power the Isolated Domains:
DSP Core, Analog, and USB Core, Respectively
– 1.05-V Core (60 MHz), 1.8-, 2.5-, 2.75-, or 3.3-V
I/Os
– 1.3-V Core (100 MHz), 1.8-, 2.5-, 2.75-, or 3.3-V
I/Os
• Clock:
– External Clock Source Through CLKIN Pin That
Supports 11.2896-, 12.000-, and 12.288-MHz
Clock Frequencies
– Real-Time Clock (RTC) With 32.768-kHz Crystal
Input, Separate Clock Domain, and Separate
Power Supply
– Low-Power, Software-Programmable Phase-
Locked Loop (PLL) Clock Generator
• Bootloader:
– On-Chip ROM Bootloader (RBL) to Boot From
SPI EEPROM, SPI Serial Flash or I2C EEPROM
eMMC, SD, SDHC, UART, and USB
• Package:
– 118-Terminal Pb-Free Plastic BGA (Ball Grid
Array) (ZQW Suffix)


Similar Part No. - TMS320C5545AZQW12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5502 TI-TMS320C5502 Datasheet
135Kb / 3P
[Old version datasheet]   TMS320C5502/C5509A eZdsp??Development Tools
TMS320C5502ZAVR300 TI1-TMS320C5502ZAVR300 Datasheet
1Mb / 195P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504AZCH10 TI-TMS320C5504AZCH10 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5545AZQW12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com