Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5533AZHHA10 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C5533AZHHA10
Description  Fixed-Point Digital Signal Processors
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5533AZHHA10 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C5533AZHHA10 Datasheet HTML 2Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 3Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 4Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 5Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 6Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 7Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 8Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 9Page - Texas Instruments TMS320C5533AZHHA10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 156 page
background image
TMS320C5535, TMS320C5534, TMS320C5533, TMS320C5532
SPRS737C – AUGUST 2011 – REVISED APRIL 2014
www.ti.com
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February, 2012) to Revision C
Page
Added power-on information for USB_VBUS, USB_VDDA3P3, USB_VDDA1P3, and USB_VDD1P3 (LitBug
SDOCM00101620)
.................................................................................................................. 28
Changed description for RSV6 to tie directly to Vss (LitBug SDOCM00101619) ........................................... 41
Changed values for ESD Stress Voltage. HBM changed to > 1000 V
....................................................... 54
Added note that CVDDRTC must always be powered by an external power source and cannot be powered by on-
chip LDOs (Bugzilla 2151)
......................................................................................................... 56
Changed WU_DOUT reset value to 1 (LitBug SDOCM00096670)
........................................................... 58
Added steps to Power-Supply Sequencing when USB subsystem is used (LitBug SDOCM00101620)
................ 64
Deleted unsupported EMIF pins (LitBug SDOCM00095615)
.................................................................. 68
Changed PLLOUT minimum to 60, maximum to 120 (LitBug SDOCM00097379)
......................................... 76
Changed SYSCLK maximum to 50 (Bugzilla 2145)
............................................................................ 76
Changed PLL_LOCKTIME to 4 ms maximum from 4 ms minimum (LitBug SDOCM00097381)
......................... 76
Changed minimum value for timing requirement for Wake-Up From IDLE (LitBug SDOCM00096476)
................. 82
Changed description of switching characteristic parameter for Wake-Up From IDLE (LitBug SDOCM00096480)
.... 82
Changed timing diagram for Wake-Up From IDLE (LitBug SDOCM00096480)
............................................ 83
Added hardware requirement for RTC-Only Mode to verify the USB oscillator is disabled (LitBug
SDOCM00097368)
................................................................................................................ 104
Changed addresses for SD0 and SD1 in Peripheral I/O-Space Control Registers (LitBug SDOCM00101622)
...... 121
Added step to copy boot image sections to system memory (TIS Doc Feedback ID 5979)
............................. 146
Changed Bootloader Software Architecture (TIS Doc Feedback ID 5979)
................................................ 147
6
Revision History
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMS320C5533AZHHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5533AZHHA10 TI1-TMS320C5533AZHHA10 Datasheet
1Mb / 155P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5533AZHHA10 TI1-TMS320C5533AZHHA10 Datasheet
1Mb / 156P
[Old version datasheet]   TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5533AZHHA10 TI1-TMS320C5533AZHHA10 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5533AZHHA10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com