Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH19-9S-0.5SH Datasheet(PDF) 7 Page - Hirose Electric

Part # FH19-9S-0.5SH
Description  0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH19-9S-0.5SH Datasheet(HTML) 7 Page - Hirose Electric

  FH19-9S-0.5SH Datasheet HTML 1Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 2Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 3Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 4Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 5Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 6Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 7Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 8Page - Hirose Electric FH19-9S-0.5SH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
44
Unreeling direction
(0.3)
(1)
8±0.1
2±0.15
4±0.1
Flat surface for placement
with Automatic equipment
(1.7)
(3.3)
(4.3)
End portion
Mounting portion
Embossed carrier tape
Blank portion
Lead portion (400 mm min.)
Blank portion
Top cover tape
(2)
(R)
(10 pockets min.)
(10 pockets min.)
BPackaging Specifications
[Common to FH19 & FH19S Series]
qReel Dimensions
Notes: 5,000 pieces per reel.
Embossed tape 32 mm or wider will have perforated feed holes on two sides.
q Embossed Carrier Tape Dimensions
Unit: mm
04
05
06
08
09
10
12
13
14
15
16
17
18
20
16
16
16
16
16
16
16
16
16
16
24
24
24
24
07.5
07.5
07.5
07.5
07.5
07.5
07.5
07.5
07.5
07.5
11.5
11.5
11.5
11.5
04.3
04.8
05.3
06.3
06.8
07.3
08.3
08.8
09.3
09.8
10.3
10.8
11.3
12.3
16.5
16.5
16.5
16.5
16.5
16.5
16.5
16.5
16.5
16.5
24.5
24.5
24.5
24.5
Number of Contacts
M
Q
N
R
Unit: mm
21
22
24
26
27
30
32
40
45
50
24
24
24
24
24
24
32
44
44
44
11.5
11.5
11.5
11.5
11.5
11.5
14.2
20.2
20.2
20.2
12.8
13.3
14.3
15.3
15.8
17.3
18.3
22.3
24.8
27.3
24.5
24.5
24.5
24.5
24.5
24.5
32.5
44.5
44.5
44.5
Number of Contacts
M
Q
N
R


Similar Part No. - FH19-9S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19C-04S-0.5SH HIROSE-FH19C-04S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19C-04S-0.5SH05 HIROSE-FH19C-04S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19C-05S-0.5SH HIROSE-FH19C-05S-0.5SH Datasheet
348Kb / 12P
   0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH19C-05S-0.5SH05 HIROSE-FH19C-05S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results

Similar Description - FH19-9S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34SRJ HIROSE-FH34SRJ Datasheet
547Kb / 12P
   0.5mm Pitch, 1.0mm above the board Top and Top/Bottom Contact, Back-Flip Actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com