Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5533AZHHA05 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C5533AZHHA05
Description  Fixed-Point Digital Signal Processors
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5533AZHHA05 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C5533AZHHA05 Datasheet HTML 5Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 6Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 7Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 8Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 9Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 10Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 11Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 12Page - Texas Instruments TMS320C5533AZHHA05 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 156 page
background image
TMS320C5535, TMS320C5534, TMS320C5533, TMS320C5532
www.ti.com
SPRS737C – AUGUST 2011 – REVISED APRIL 2014
Table 3-3. Characteristics of the C5534 Processor
HARDWARE FEATURES
TMS320C5534A05, C5534A10
Peripherals
Not all peripheral pins are
Four DMA controllers each with four channels, for a total of 16
DMA
available at the same time
channels
(for more detail, see
Section 5).
2 32-Bit General-Purpose (GP) Timers
Timers
1 Additional Timer Configurable as a 32-Bit GP Timer or a
Watchdog
UART
1 (with RTS and CTS flow control)
SPI
1 with 4 chip selects
I2C
1 (Master or Slave)
I2S
4 (Two Channel, Full Duplex Communication)
USB 2.0 (Device only)
High- and Full-Speed Device
2 SD, 256-byte read and write buffer, max 50-MHz clock and
SD
signaling for DMA transfers
Real-Time Clock (RTC)
1 (Crystal Input, Separate Clock Domain and Power Supply)
General-Purpose Input/Output Port (GPIO)
Up to 20 pins (with 1 Additional General-Purpose Output (XF))
Size (Bytes)
256KB RAM, 128KB ROM
64KB On-Chip Dual-Access RAM (DARAM)
On-Chip Memory
Organization
192KB On-Chip Single-Access RAM (SARAM)
128KB On-Chip Single-Access ROM (SAROM)
JTAGID Register
JTAG BSDL_ID
see Figure 6-5
(Value is: 0x1B8F E02F)
1.05-V Core
50 MHz
CPU Frequency
MHz
1.3-V Core
100 MHz (TMS320C5534A10 only)
1.05-V Core
20 ns
Cycle Time
ns
1.3-V Core
10 ns (TMS320C5534A10 only)
1.05 V – 50 MHz
Core (V)
Voltage
1.3 V – 100 MHz (TMS320C5534A10 only)
I/O (V)
1.8 V, 2.5 V, 2.75 V, 3.3 V
LDOs
DSP_LDO
1.3 V or 1.05 V, 250 mA max current for DSP CPU (CVDD)
1.3 V, 4 mA max current to supply power to PLL (VDDA_PLL)
ANA_LDO
and power management circuits (VDDA_ANA)
1.3 V, 25 mA max current to supply power to USB core digital
USB_LDO
(USB_VDD1P3) and PHY circuits (USB_VDDA1P3)
Active @ Room Temp 25°C, 75% DMAC +
0.15 mW/MHz @ 1.05 V, 50 MHz
Power Characterization
25% ADD
0.22 mW/MHz @ 1.3 V, 100 MHz
Active @ Room Temp 25°C, 75% DMAC +
0.14 mW/MHz @ 1.05 V, 50 MHz
25% NOP
0.22 mW/MHz @ 1.3 V, 100 MHz
Standby (Master Clock Disabled) @ Room
0.26 mW @ 1.05 V
Temp 25°C (DARAM and SARAM in Active
0.44 mW @ 1.3 V
Mode)
Standby (Master Clock Disabled) @ Room
0.23 mW @ 1.05 V
Temp 25°C (DARAM in Retention and
0.40 mW @ 1.3 V
SARAM in Active Mode)
Standby (Master Clock Disabled) @ Room
0.15 mW @ 1.05 V
Temp 25°C (DARAM in Active Mode and
0.28 mW @ 1.3 V
SARAM in Retention)
PLL Options
Software Programmable Multiplier
x4 to x4099 multiplier
BGA Package
12 x 12 mm
144-Pin BGA (ZHH)
Copyright © 2011–2014, Texas Instruments Incorporated
Device Comparison
9
Submit Documentation Feedback
Product Folder Links: TMS320C5535 TMS320C5534 TMS320C5533 TMS320C5532


Similar Part No. - TMS320C5533AZHHA05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5533AZHHA05 TI1-TMS320C5533AZHHA05 Datasheet
1Mb / 155P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5533AZHHA05 TI1-TMS320C5533AZHHA05 Datasheet
1Mb / 156P
[Old version datasheet]   TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5533AZHHA05 TI1-TMS320C5533AZHHA05 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5533AZHHA05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com