Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C5545AZQW10 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C5545AZQW10
Description  Fixed-Point Digital Signal Processor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5545AZQW10 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C5545AZQW10 Datasheet HTML 1Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 2Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 3Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 4Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 5Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 6Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 7Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 8Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
2
TMS320C5545
SPRS853C – JULY 2013 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C5545
Device Overview
Copyright © 2013–2016, Texas Instruments Incorporated
1.2
Applications
Wireless Audio Devices (for Example, Headsets,
Microphones, Speakerphones)
Echo Cancellation Headphones
Portable Medical Devices
Voice Applications
Industrial Controls
Fingerprint Biometrics
Software-Defined Radio
1.3
Description
These devices are members of TI's C5000™ fixed-point digital signal processor (DSP) product family and
are designed for low-power applications.
The fixed-point DSP is based on the TMS320C55x DSP generation CPU processor core. The C55x DSP
architecture achieves high performance and low power through increased parallelism and power savings.
The CPU supports an internal bus structure composed of one program bus, one 32-bit data read bus, two
16-bit data read buses, two 16-bit data write buses, and additional buses dedicated to peripheral and DMA
activity. These buses provide the ability to perform up to four 16-bit data reads and two 16-bit data writes
in a single cycle. The device also includes four DMA controllers, each with 4 channels that provide data
movement for 16 independent channel contexts without CPU intervention. Each DMA controller can
perform one 32-bit data transfer per cycle, both in parallel and independent of the CPU activity.
The C55x CPU provides two multiply-and-accumulate (MAC) units, each capable of 17-bit × 17-bit
multiplication and a 32-bit add in a single cycle. A central 40-bit arithmetic and logic unit (ALU) is
supported by an additional 16-bit ALU. Used under instruction set control, the ALUs provide the ability to
optimize parallel activity and power consumption. These resources are managed in the address unit (AU)
and data unit (DU) of the C55x CPU.
The C55x CPU supports a variable byte width instruction set for improved code density. The instruction
unit (IU) fetches 32-bit program from internal or external memory and queues instructions for the program
unit (PU). The PU decodes the instructions, directs tasks to the AU and DU resources, and manages the
fully protected pipeline. Predictive branching avoids pipeline flushes when conditional instructions execute.
The GPIO functions, along with the 10-bit SAR ADC, provide sufficient pins for status, interrupts, and bit
I/O for LCD displays, keyboards, and media interfaces. Serial media is supported through two secure
digital (SD) peripherals, four Inter-IC Sound (I2S Bus) modules, one serial port interface (SPI) with up to
three chip selects, one Inter-Integrated Circuit (I2C) multimaster and slave interface, and a universal
asynchronous receiver/transmitter (UART) interface.
Additional peripherals include: a high-speed universal serial bus (USB 2.0) device mode only, a real-time
clock (RTC), three general-purpose (GP) timers with one configurable as a watchdog timer, and an analog
phase-locked loop (APLL) clock generator.
In addition, the device includes a tightly coupled FFT hardware accelerator. The tightly coupled FFT
hardware accelerator supports 8- to 1024-point (in power of 2) real and complex-valued FFTs.
Furthermore, the device includes the following three integrated LDOs to power different sections of the
device:
ANA_LDO provides 1.3 V to the DSP PLL (VDDA_PLL), SAR, and power-management circuits (VDDA_ANA).
DSP_LDO provides 1.3 V or 1.05 V to the DSP core (CVDD), selectable on-the-fly by software as long as
operating frequency ranges are observed.
USB_LDO provides 1.3 V to the USB core digital (USB_VDD1P3) and PHY circuits (USB_VDDA1P3).


Similar Part No. - TMS320C5545AZQW10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5502 TI-TMS320C5502 Datasheet
135Kb / 3P
[Old version datasheet]   TMS320C5502/C5509A eZdsp??Development Tools
TMS320C5502ZAVR300 TI1-TMS320C5502ZAVR300 Datasheet
1Mb / 195P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504AZCH10 TI-TMS320C5504AZCH10 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5545AZQW10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com