Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320VC33HFGM150 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320VC33HFGM150
Description  Digital Signal Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMJ320VC33HFGM150 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SMJ320VC33HFGM150 Datasheet HTML 7Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 8Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 9Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 10Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 11Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 12Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 13Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 14Page - Texas Instruments SMJ320VC33HFGM150 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
6.9 Timing Requirements for XF0 and XF1 when Executing SIGI
see Figure 10
MIN
MAX
UNIT
tsu(XF1-H1L)
Setup time, XF1 before H1 low
4(1)
ns
th(H1L-XF1)
Hold time, XF1 after H1 low
0(1)
(1)
Not production tested
6.10 Timing Requirements for Changing XFx from Output to Input Mode
see Figure 12
MIN
MAX
UNIT
tsu(XF-H1L)
Setup time, XFx before H1 low
4
ns
th(H1L-XF)
Hold time, XFx after H1 low
0
6.11 Timing Requirements for RESET
MIN
MAX
UNIT
tsu(RESET-EXTCLKL)
Setup time, RESET before EXTCLK low
5(1)
P – 7(1)(2)
ns
tsu(RESETH-H1L)
Setup time, RESET high before H1 low and after ten H1 clock cycles
5
(1)
Not production tested
(2)
P = tc(EXTCLK)
6.12 Timing Requirements for INT3 to INT0 Response
see Figure 15
MIN
NOM
MAX
UNIT
tsu(INT-H1L)
Setup time, INT3 to INT0 before H1 low
4(1)
ns
th(H1L-INT)
Hold time, INT3 to INT0 after H1 low
0
tw(INT)
Pulse duration, interrupt to ensure only one interrupt
P + 5(1)(2)
1.5P
2P - 5(1)(2)
(1)
Not production tested
(2)
P = tc(H)
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SM320VC33 SMJ320VC33


Similar Part No. - SMJ320VC33HFGM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320VC33HFGM150 TI-SMJ320VC33HFGM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320VC33HFGM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com