Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320VC33 Datasheet(PDF) 9 Page - Texas Instruments

Part # SM320VC33
Description  Digital Signal Processor
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC33 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SM320VC33_15 Datasheet HTML 5Page - Texas Instruments SM320VC33_15 Datasheet HTML 6Page - Texas Instruments SM320VC33_15 Datasheet HTML 7Page - Texas Instruments SM320VC33_15 Datasheet HTML 8Page - Texas Instruments SM320VC33_15 Datasheet HTML 9Page - Texas Instruments SM320VC33_15 Datasheet HTML 10Page - Texas Instruments SM320VC33_15 Datasheet HTML 11Page - Texas Instruments SM320VC33_15 Datasheet HTML 12Page - Texas Instruments SM320VC33_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
6.4 Phase-Locked Loop Characteristics Using EXTCLK or On-Chip Crystal Oscillator Timing
Requirements
see
(1) (2)
MIN
MAX
UNIT
Fpllin
Frequency range, PLL input
5(3)
15(3)
MHz
Fpllout
Frequency range, PLL output
25(3)
75(3)
MHz
Ipll
PLL current, CVDD supply
2(3)
mA
Ppll
PLL power, CVDD supply
5(3)
mW
PLLdc
PLL output duty cycle at H1
45%(3)
55%(3)
PLLJ
PLL output jitter, Fpllout = 25 MHz
400(3)
ps
PLLLOCK
PLL lock time in input cycles
1000
cycles
(1)
Duty cycle is defined as 100 × t1 / (t1 + t2)%
(2)
To ensure clean internal clock references, the minimal low and high pulse durations must be maintained. At high frequencies, this may
require a fast rise and fall time as well as a tightly controlled duty cycle. At lower frequencies, these requirements are less restrictive
when in x1 and x0.5 modes. The PLL, however, must have an input duty cycle of between 40% and 60% for proper operation.
(3)
Not production tested
6.5 Circuit Parameters for On-Chip Crystal Oscillator Timing Requirements
see Figure 2
(1)
MIN
TYP
MAX
UNIT
VO
Oscillator internal supply voltage
CVDD
V
FO
Fundamental mode frequency range
1(2)
20(2)
MHz
Vbias
DC bias point (input threshold)
40(2)
50
60(2)
%VO
Rfbk
Feedback resistance
100(2)
300
500(2)
k
Rout
Small signal ac output impedance
250(2)
500
1000(2)
Vxoutac
The ac output voltage with test crystal(3)
85
%VO
Vxinac
The ac input voltage with test crystal (3)
85
%VO
Vxoutl
Vxin = Vxinh, Ixout = 0, FO = 0 (logic input)
VSS – 0.1
(2)
VSS + 0.3
(2)
V
Vxouth
Vxin = Vxinl, Ixout = 0, FO = 0 (logic input)
CVDD – 0.3
(2)
CVDD + 0.1
(2)
V
Vinl
When used for logic level input, oscillator enabled
–0.3(2)
0.2 × VO
(2)
V
Vinh
When used for logic level input, oscillator enabled
0.8 × VO
(2)
DVDD + 0.3
(2)
V
Vxinh
When used for logic level input, oscillator disabled
0.7 × DVDD
DVDD + 0.3
V
Cxout
XOUT internal load capacitance
2(2)
3
5(2)
pF
Cxin
XIN internal load capacitance
2(2)
3
5(2)
pF
td(XIN-H1)
Delay time, XIN to H1 x1 and x0.5 modes
2
5.5
8
ns
Iinl
Input current, feedback enabled, Vil = 0
50(2)
μA
Iinh
Input current, feedback enabled, Vil = Vih
–50(2)
μA
(1)
This circuit is intended for series resonant fundamental mode operation.
(2)
Not production tested
(3)
Signal amplitude is dependent on the crystal and load used.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SM320VC33 SMJ320VC33


Similar Part No. - SM320VC33_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320VC33-EP TI1-SM320VC33-EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNLM150 TI-SM320VC33GNLM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNMM150 TI-SM320VC33GNMM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33GNMM150EP TI1-SM320VC33GNMM150EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320VC33HFGM150 TI-SM320VC33HFGM150 Datasheet
614Kb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320VC33_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com