Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1-12S-2.5R28 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF1-12S-2.5R28
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1-12S-2.5R28 Datasheet(HTML) 5 Page - Hirose Electric

  DF1-12S-2.5R28 Datasheet HTML 1Page - Hirose Electric DF1-12S-2.5R28 Datasheet HTML 2Page - Hirose Electric DF1-12S-2.5R28 Datasheet HTML 3Page - Hirose Electric DF1-12S-2.5R28 Datasheet HTML 4Page - Hirose Electric DF1-12S-2.5R28 Datasheet HTML 5Page - Hirose Electric DF1-12S-2.5R28 Datasheet HTML 6Page - Hirose Electric DF1-12S-2.5R28 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
B150
sCrimping Socket
sCrimping Contact for Socket
Note:A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Unit: mm
Part Number
CL No.
DF1- 2S-2.5C
DF1- 3S-2.5C
DF1- 4S-2.5C
DF1- 5S-2.5C
DF1- 6S-2.5C
DF1- 7S-2.5C
DF1- 8S-2.5C
DF1- 9S-2.5C
DF1-10S-2.5C
541-0136-9
541-0137-1
541-0138-4
541-0139-7
541-0140-6
541-0141-9
541-0142-1
541-0143-4
541-0144-7
2
3
4
5
6
7
8
9
10
8
10.5
13
15.5
18
20.5
23
25.5
28
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Number of Contacts
A
B
Part Number
CL No.
DF1-11S-2.5C
DF1-12S-2.5C
DF1-13S-2.5C
DF1-14S-2.5C
DF1-15S-2.5C
DF1-16S-2.5C
DF1-18S-2.5C
DF1-20S-2.5C
541-0145-0
541-0146-2
541-0147-5
541-0148-8
541-0149-0
541-0150-0
541-0152-5
541-0154-0
11
12
13
14
15
16
18
20
30.5
33
33.5
38
40.5
43
48
53
25
27.5
30
32.5
35
37.5
42.5
47.5
Number of Contacts
A
B
Note1:This convex portion is located (2 contacts: the center at one point)(3 to 6 contacts: as shown in
the illustration)(more than 7 contacts: one center at one point added to the above illustration).
Note 2.The terminal number indicates all contact numbers.
1.85
Ø 1.5
6.5
2.5
1.9
;;;
;;;
;;;
Photo: Contact Inserted.
Conductor Size (wire construction)
Jacket Diameter
AWG24 (11 cores/0.16mm)
AWG26 ( 7 cores/0.16mm)
Ø0.9 to Ø1.5mm
AWG28 (07 cores/1.24mm)
qApplicable Cable (Tin Plated Annealing Copper Wire)
qRecommended Cable
UL1061, UL1007
qStrip Length
1.6 to 2.1mm
Note:If other cables are used instead of the applicable cable, contact Hirose sales
department.
BApplicable Crimping Tool
Type
Part Number
CL No.
Applicable Contact
Applicator
AP105-DF1-2428S
901-4538-8
DF1-2428SCF
Press Main Unit
CM-105
901-0005-4
---------------
Manual Crimping Tool
DF1-T2428S
550-0102-8
DF1-2428SC
Extraction Tool
DF1-C-PO
550-0177-7
DF1-2428SCF
Note:If a trouble has occurred due to tools which are not designated by Hirose, Hirose
won't guarantee any product.
Part Number
CL No.
Packaging Type
Number of Contacts
Finish
DF1-2428SCF
541-0134-3
Reel
10000
Tin plating
DF1-2428SC
541-0135-6
Bag
100


Similar Part No. - DF1-12S-2.5R28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-12S-2.5R28 HIROSE-DF1-12S-2.5R28 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
More results

Similar Description - DF1-12S-2.5R28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com