Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH17-15S-0.5SH Datasheet(PDF) 5 Page - Hirose Electric

Part # FH17-15S-0.5SH
Description  Low Profile 0.5mm Pitch Connectors For FPC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH17-15S-0.5SH Datasheet(HTML) 5 Page - Hirose Electric

  FH17-15S-0.5SH Datasheet HTML 1Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 2Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 3Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 4Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 5Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 6Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 7Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 8Page - Hirose Electric FH17-15S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
29
04.5
07.0
09.5
11.5
14.5
B
09.1
11.6
14.1
16.1
19.1
G
06.1
08.6
11.1
13.1
16.1
H
05.3
07.8
10.3
12.3
15.3
J
(mm)
Part Number
FH17-10S-0.5SH
FH17-15S-0.5SH
FH17-20S-0.5SH
FH17-24S-0.5SH
FH17-30S-0.5SH
586-0638-8
586-0657-2
586-0637-5
586-0645-3
586-0625-6
10
15
20
24
30
CL No.
Number of
Contacts
BRecommended Land/ Metal Mask Dimensions (FH17)
*Recommended metal mask thickness: t = 0.15
Note:Embossed tape reel packaging (2,000 pieces/reel).
Order by number of reels.


Similar Part No. - FH17-15S-0.5SH

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FH175 FCI-FH175 Datasheet
298Kb / 6P
   25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
More results

Similar Description - FH17-15S-0.5SH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
   FHY CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com