Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19K-14P-1H Datasheet(PDF) 2 Page - Hirose Electric

Part # DF19K-14P-1H
Description  1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19K-14P-1H Datasheet(HTML) 2 Page - Hirose Electric

  DF19K-14P-1H Datasheet HTML 1Page - Hirose Electric DF19K-14P-1H Datasheet HTML 2Page - Hirose Electric DF19K-14P-1H Datasheet HTML 3Page - Hirose Electric DF19K-14P-1H Datasheet HTML 4Page - Hirose Electric DF19K-14P-1H Datasheet HTML 5Page - Hirose Electric DF19K-14P-1H Datasheet HTML 6Page - Hirose Electric DF19K-14P-1H Datasheet HTML 7Page - Hirose Electric DF19K-14P-1H Datasheet HTML 8Page - Hirose Electric DF19K-14P-1H Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
sProduct Specifications
sMaterial
Rating
Rated current
Rated voltage
AWG#28 : 1A
AWG#30 : 0.5A
AWG#32 : 0.3A
FPC
: 0.5A
Fine coaxial cable AWG# 40: 0.3A
AC100V
Operating temperature range
Operating humidity range
Storage temperature range
Storage humidity range
-35~85ç Note 1
-35~85ç Note 2
-20~80%
-10~60ç Note 2
-40~70%
Measure at DC100V.
300 V AC, applied for one minute.
Measure at 100 mA.
Measure with a steel pin with thickness of 0.2±0.005.
Frequency: 10 Hz to 55 Hz, amplitude of 0.75 mm in 3 directions, 2h
Temperature of 40±2–C, humidity of 90% to 95%, duration 96h
(-55-C: 30 min -> 5-C to 35-C: 10 min -> 85-C: 30 min -> 5-C to 35-C: 10 min ) 5 cycles
50 mechanical-operation cycles
Reflow: At the recommended temperature profile, manual soldering: iron temperature 300-C for 3s
500MW or more
No flashover or breakdown
30mW or less (50mW or less for FPC)
MIN 0.2N
(20gf), MAX 3N(300gf)
No electrical discontinuity for 1µs or more
Contact resistance: specified value or less, insulation resistance: 500MW or more
Contact resistance: specified value or less, insulation resistance: 500MW or more
Contact resistance: specified value or less
No melting of resin portion, which affects performance
1.Insulation resistance
2.Voltage proof
3.Contact resistance
4.Insertion-Extraction Force
(per Contact)
5.Vibration
6.Damp heat
7.Temperature Cycling
8.Mechanical operation
9.Resistance to soldering heat
Item
Specification
Conditions
Note1: Tinning is Whisker free
UL standard
UL94V-0
----------
----------
UL94V-0
----------
----------
UL94V-0
----------
----------
UL94V-0
----------
----------
----------
Product
Part
Material
Color / Finish
Pin header
Socket
Crimp-Contact
FPC socket
Ground plate for FPC
Socket for fine coaxial cables
Ground plate for fine coaxial cables
Insulation
Terminal
Ground Plate
Insulation
Ground Plate
Terminal
Insulation
Terminal
Ground Plate
Insulation
Terminal
Ground Plate
Ground Plate
Polyamide resin
Phosphor bronze
Phosphor bronze
Polyamide resin
Stainless steel
Phosphor bronze
Polyamide resin
Phosphor bronze
Stainless steel
LCP resin
Phosphor bronze
Phosphor bronze
Phosphor bronze
Grey
Selective Gold Plating
Tin Plated
Grey
Tin Plated
Gold Plated
Grey
Selective Gold Plating
Tin Plated
Grey
Selective Gold Plating
Tin Plated
Tin Plated
Note1: Includes the temperature rise due to current flow.
Note2: The term storage refers to unused products prior to PCB mounting that is being stored for long periods.
The operating temperature and humidity range are applicable to connectors not carrying current. After PCB assembly or
temporary storage during transportation.
Note3: The aforementioned specifications are representative of this series. For information on specific parts, confirm with Sales Office.


Similar Part No. - DF19K-14P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19K-14P-1H HIROSE-DF19K-14P-1H Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19K-14P-1HGND HIROSE-DF19K-14P-1HGND Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
More results

Similar Description - DF19K-14P-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
   Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Samtec, Inc
PMSD SAMTEC-PMSD Datasheet
257Kb / 1P
   (4.19 mm) .165" PITCH • DISCRETE WIRE CABLE & COMPONENTS
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
logo
Tyco Electronics
280379-2 MACOM-280379-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
   1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com