Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF23C-60DP-0.5V Datasheet(PDF) 8 Page - Hirose Electric

Part # DF23C-60DP-0.5V
Description  0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF23C-60DP-0.5V Datasheet(HTML) 8 Page - Hirose Electric

  DF23C-60DP-0.5V Datasheet HTML 1Page - Hirose Electric DF23C-60DP-0.5V Datasheet HTML 2Page - Hirose Electric DF23C-60DP-0.5V Datasheet HTML 3Page - Hirose Electric DF23C-60DP-0.5V Datasheet HTML 4Page - Hirose Electric DF23C-60DP-0.5V Datasheet HTML 5Page - Hirose Electric DF23C-60DP-0.5V Datasheet HTML 6Page - Hirose Electric DF23C-60DP-0.5V Datasheet HTML 7Page - Hirose Electric DF23C-60DP-0.5V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
The contents of this catalog are current as of January 2002. Contents are subject to change without notice for the purpose of improvements.
U.S.A.:
HIROSE ELECTRIC U.S.A., INC.
2688 Westhills Court, Simi Valley, CA 93065-6235
Phone : 1 805 522 7958
Fax : 1 805 522 3217
http://www.hirose.com
UNITED KINGDOM:
HIROSE ELECTRIC UK LTD.
Crownhill Business Centre 22 Vincent Avenue
Crownhill, Milton Keynes MK8 OAB
Phone : 44 1908 305400
Fax : 44 1908 305401
http://www.hirose.co.uk
HONG KONG:
HIROSE ELECTRIC CO., LTD.
Unit 506, Energy Plaza. 92 Granville Road, Tsim Sha
Tsui East, Kowloon
Phone : 852 2803 5338
Fax : 852 2591 6560
EUROPE BRANCH:
HIROSE ELECTRIC CO., LTD.
First Class Building 4F, Beechavenue 46.1119PV
Schiphol-Rijk, The Netherlands
Phone : 31 20 6557 460
Fax : 31 20 6557 469
http://hiroseeurope.com
KOREA:
HIROSE KOREA CO., LTD.
(#2NA311,Shihwa Industrial Complex),
1261-10, Jeoungwhang-Dong, Shihung-City, Kyunggi-Do
Phone : 82 31 496 7000,7124
Fax : 82 31 496 7101
http://www.hirose.co.kr
TAIWAN:
HIROSE ELECTRIC CO., LTD.
No.28 Lane 247 Sec. 2 Yen Ping N,Rd.Taipei
Phone : +886 2 2557 7351,7352
Fax : +886 2 2552 9851
GERMANY:
HIROSE ELECTRIC GmbH
Zeppelinstrasse 42 D-73760 Ostfildern Kemnat
Phone : 49 711 4560021
Fax : 49 711 4560729
http://www.hirose.de
CHINA:
HIROSE ELECTRIC CO., LTD.
10F,No.06, Shanghai Times Square office Tower,
93. Huai Hai Zhong Road, Luwan Shanghai
Phone : 86-21-6391-0011
Fax : 86-21-6391-0101
SINGAPORE:
HIROSE ELECTRIC CO., LTD.
10 Anson Road #34-13 International Plaza 079903
Phone : 65 324 6113
Fax : 65 324 6123
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
HIROSE ELECTRIC CO., LTD.
e
Lin
ks to World Ele
®


Similar Part No. - DF23C-60DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-60DP-0.5V HIROSE-DF23C-60DP-0.5V Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results

Similar Description - DF23C-60DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com