Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX40T-C71P Datasheet(PDF) 1 Page - Hirose Electric

Part # EX40T-C71P
Description  High-Speed Differential Signal Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

EX40T-C71P Datasheet(HTML) 1 Page - Hirose Electric

  EX40T-C71P Datasheet HTML 1Page - Hirose Electric EX40T-C71P Datasheet HTML 2Page - Hirose Electric EX40T-C71P Datasheet HTML 3Page - Hirose Electric EX40T-C71P Datasheet HTML 4Page - Hirose Electric EX40T-C71P Datasheet HTML 5Page - Hirose Electric EX40T-C71P Datasheet HTML 6Page - Hirose Electric EX40T-C71P Datasheet HTML 7Page - Hirose Electric EX40T-C71P Datasheet HTML 8Page - Hirose Electric EX40T-C71P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
High-Speed Differential Signal Connectors
EXT Series
NEW
2001.6
sFeatures
01. High-Speed Differential Signals
The construction supports high-speed differential signals
such as LVDS, IEEE 1394, and USB 2.0. Use of twisted pair
cable or twinax cable permits transmission speeds up to
several hundred Mbps and higher per twisted pair.
(A) Impedance Matching
The connector is designed to minimize reflections with a
differential impedance of 100 ohms between adjacent contacts.
(B) Low Skew Construction
An equivalent electrical length is maintained between
adjacent contacts while the equivalent electrical length
between opposing terminals is approximately zero.
Consequently the skew within differential pairs as well as
between differential pairs is approximately zero.
However, a low skew between differential pairs is permitted
by going through another layer of the board.
(C) Low Crosstalk
The design features a staggered arrangement between
opposing contacts for low crosstalk effects between opposing
pairs even though these are low-profile connectors.
02. Batch Wiring of Cables Using Solder Paste
Soldered wiring has been used as the wiring method for the
plug side composite cable, thin cable, and drain wires;
however, paste soldering permits the batch wiring of
prepared cables. (Existing soldering methods can also be
used to wire the connectors.)
03. No Shrink Tubing Required
The wiring portion of the plug side is secured by the
molding which prevents short circuits without the use of
shrink tubing. Since shrink tubing is not used, this
allows the twist back length of the twisted pair cable or
the twinax cable to be shortened, thereby permitting the
impedance of the wiring section to be kept in check.
04. Power and Signal Contacts
The 65 position connector is designed with 59 signal contacts and 6 power contacts. Each power contact is
rated for 2 Amps. The 71 position connector is supplied with signal contacts only.
05. Low-Profile Design
With the trend toward lower profiles, the receptacle is made to drop into the board, which results in a height
dimension, including the board, of 5.6mm.
Differential impedance
between adjacent
contacts is 100 ohms
Adjacent contacts
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
;;
1 Gbps Eye Pattern Waveform
(One End of Connector: 2 m of AWG #28 Twinax Cable)


Similar Part No. - EX40T-C71P

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX410 EXTECH-EX410 Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
EX410-NIST EXTECH-EX410-NIST Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
EX410 EXTECH-EX410_15 Datasheet
349Kb / 1P
   Extech 400 Series MultiMeters
EX411 EXTECH-EX411 Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
EX411-NIST EXTECH-EX411-NIST Datasheet
352Kb / 1P
   Rugged design with built-in IR Thermometer
More results

Similar Description - EX40T-C71P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2520-301-2P-T002 TDK-ACM2520-301-2P-T002 Datasheet
186Kb / 9P
   For high-speed differential signal line, general differential signal lines
ACM2012E-670-2P-T00 TDK-ACM2012E-670-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM2012E TDK-ACM2012E Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
ACM4532-102-3P-T TDK-ACM4532-102-3P-T Datasheet
129Kb / 6P
   For high-speed differential signal line/general signal line
ACM2012-900-2P-T002 TDK-ACM2012-900-2P-T002 Datasheet
90Kb / 4P
   For high-speed differential signal line/general signal line
ACM2012H-T00 TDK-ACM2012H-T00 Datasheet
165Kb / 7P
   For ultra high-speed differential signal line
ACM2012H-T05 TDK-ACM2012H-T05 Datasheet
159Kb / 7P
   For ultra high-speed differential signal line
ACM2012H-T03 TDK-ACM2012H-T03 Datasheet
149Kb / 7P
   For automobile ultra high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com