Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-007167-11410T Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-007167-11410T
Description  Surface Mount Plastic PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-007167-11410T Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button MADP-007167-11410T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MADP-007167-11410T Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
66
Surface Mount Plastic PIN Diodes
Rev. V22
SMPP Series
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Typical Forward Resistance vs DC Bias Current Curves @ 100 MHz
Resistance vs Forward Current
(MA4P282 / MA4P7447 / MADP-007155 Series)
Resistance vs Forward Current
(MA4P789 / MA4P7433/ MADP-007433 Series)
Resistance vs Forward Current
(MA4P290 / MADP-007167 Series)
Resistance vs Forward Current
(MADP-007448 Series)
Forward Bias Current (mA)
Forward Bias Current (mA)
Forward Bias Current (mA)
Forward Bias Current (mA)


Similar Part No. - MADP-007167-11410T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADP-007167-12250T MACOM-MADP-007167-12250T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
logo
M/A-COM Technology Solu...
MADP-007167-12250T MA-COM-MADP-007167-12250T Datasheet
625Kb / 6P
   5 - 3000 MHz Useable Frequency Band
More results

Similar Description - MADP-007167-11410T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com