Electronic Components Datasheet Search |
|
FD-2.5V Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation |
|
FD-2.5V Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation |
2 / 3 page 2 All specifications are subject to change without notice. FD 2.5V REV2008_DEC04_01.4 SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888 • www.saronix-ecera.com 2.5V CMOS Low Jitter XO 2.5V CMOS Low Jitter XO FD Series Crystal Clock Oscillator (XO) Legacy S1634 Series | 5.0 x 3.2mm FD Output Enable / Disable Function Parameter Min. Typ. Max. Units Notes Input Voltage (pin 1), Output Enable 0.7 V or open Input Voltage (pin 1), Output Disable (low power standby) 0.3 V Output is Hi-Z Internal Pullup Resistance 50 kΩ Output Disable Delay 100 ns Output Enable Delay 10 ms Electrical Performance Parameter Min. Typ. Max. Units Notes Output Frequency 1 133 MHz As specified Supply Voltage 2.25 2.50 2.75 V Supply Current, Output Enabled 15 mA 1 to 32 MHz 25 32 to 50 MHz 35 50 to 133 MHz Supply Current, Standby Mode 10 μAOutput Hi-Z Frequency Stability ±20 to ±50 ppm See Note 1 below Operating Temperature Range -20 +70 °C Commercial (standard) -40 +85 Industrial (standard) Output Logic 0, VOL 10% VDD V Output Logic 1, VOH 90% VDD V Output Load 15 pF See Note 2 below Duty Cycle 45 55 % Measured 50% VDD Rise and Fall Time up to 32 MHz 7 ns Measured 20/80% of waveform 32 to 70 MHz 5 70 to 133 MHz 2.5 Jitter, Phase 1 to 133 MHz 1 ps RMS (1-σ) 10kHz to 20 MHz frequency band Jitter, Accumulated up to 70 MHz 5 ps RMS (1-σ) 20.000 adjacent periods 70 to 133 MHz 3 Jitter, Total up to 70 MHz 50 ps pk-pk 100.000 random periods 70 to 133 MHz 30 Notes: 1. Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C), aging (1 year at 25°C average effective ambient temperature), shock and vibration. 2. For specifications othere than those listed, please contact sales. Absolute Maximum Ratings Parameter Min. Typ. Max. Units Notes Storage Temperature -55 +125 °C |
Similar Part No. - FD-2.5V |
|
Similar Description - FD-2.5V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |