Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSS0144TR-3000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0144TR-3000
Description  2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0144TR-3000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0144TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0144TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0144TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0144TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0144TR-3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS
DC - 3.0 GHz
Rev. V1
MASWSS0144
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
RF2 Insertion Loss
Typical Performance Curves (using 39 pF external DC blocking capacitors)
RF1 Insertion Loss
RF3 Insertion Loss
RF1 Isolation
RF2 Isolation
RF3 Isolation
15
20
25
30
35
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
15
20
25
30
35
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
15
20
25
30
35
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)


Similar Part No. - MASWSS0144TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0144TR-3000 MACOM-MASWSS0144TR-3000 Datasheet
211Kb / 4P
   2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0144TR-3000 MA-COM-MASWSS0144TR-3000 Datasheet
91Kb / 4P
   2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
More results

Similar Description - MASWSS0144TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0144 MA-COM-MASWSS0144 Datasheet
91Kb / 4P
   2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0144 MACOM-MASWSS0144 Datasheet
211Kb / 4P
   2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0144 MA-COM-MASWSS0144 Datasheet
91Kb / 4P
   2.7 V GaAs SP3T Switch: GSM - CDMA - GPS
logo
Tyco Electronics
MASWSS0200 MACOM-MASWSS0200 Datasheet
187Kb / 3P
   GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0060 MA-COM-MASWSS0060 Datasheet
77Kb / 3P
   GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
   GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0060 MACOM-MASWSS0060 Datasheet
184Kb / 3P
   GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
   GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200_15 Datasheet
619Kb / 4P
   GaAs SP3T 2.7 V CDMA-GPS Switch
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
   GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com