Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWCC0009 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0009
Description  GaAs SP4T Switch, Absorptive DC - 3.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0009 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0009_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0009_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0009_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0009_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0009_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWCC0009_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWCC0009_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GaAs SP4T Switch, Absorptive
DC - 3.0 GHz
Rev. V7
MASWCC0009
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Recommended PCB Layout—SP4T
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Recommended PCB Layout—SP2T
Evaluation Board - SW65-0440-TB


Similar Part No. - MASWCC0009_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWCC0009-TB MACOM-MASWCC0009-TB Datasheet
327Kb / 1P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0009-TB MA-COM-MASWCC0009-TB Datasheet
181Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0009-TB MA-COM-MASWCC0009-TB Datasheet
175Kb / 6P
   GaAs SP4T Switch, Absorptive
logo
Tyco Electronics
MASWCC0009TR MACOM-MASWCC0009TR Datasheet
327Kb / 1P
   GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWCC0009TR MA-COM-MASWCC0009TR Datasheet
181Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
More results

Similar Description - MASWCC0009_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
   GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
   GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW65-0314 MA-COM-SW65-0314 Datasheet
111Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007073-000100 MA-COM-MASW-007073-000100 Datasheet
112Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Tyco Electronics
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
SW65-0314 MACOM-SW65-0314 Datasheet
216Kb / 2P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
MASW-007073-000100 MACOM-MASW-007073-000100 Datasheet
192Kb / 4P
   GaAs SP4T Absorptive Switch with ASIC Driver, DC-3.0 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com