Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-003102-1359 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-003102-1359
Description  HMIC Silicon PIN Diode Switches with Integrated Bias Network
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-003102-1359 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MASW-003102-1359 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-003102-1359 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-003102-1359 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-003102-1359 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-003102-1359 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-003102-1359 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-003102-1359 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HMIC™ Silicon PIN Diode Switches
with Integrated Bias Network
Rev. V5
MASW-00x102 Series
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
Chip Outline Drawings7,8
7. Topside and backside metallization is gold, 2.5 µm thick typical.
8. Yellow areas indicate ribbon/wire bonding pads
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.066
0.070
1.680
1.780
B
0.048
0.052
1.230
1.330
C
0.004
0.100
0.006
0.150
D
0.004
0.090
0.006
0.140
E
0.012
0.292
0.013
0.317
F
0.029
0.735
0.030
0.760
G
0.030
0.766
0.031
0.791
H
0.029
0.732
0.030
0.757
J
0.005
REF.
0.129
REF.
K
0.005
REF.
0.129
REF.
MASW-002102 (SP2T)
MASW-003102 (SP3T
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.071
0.072
1.807
1.833
B
0.071
0.072
1.797
1.823
C
0.0045
0.100
0.0055
0.150
D
0.031
0.781
0.032
0.807
E
0.029
0.732
0.030
0.758
F
0.006
0.152
0.007
0.178
G
0.004
0.099
0.005
0.125
H
0.005
0.125
0.006
0.151
J
0.034
0.035
0.871
0.897
K
0.064
0.065
1.617
1.643
L
0.066
0.067
1.683
1.709
M
0.005
REF.
0.1250
REF.
N
0.0046
REF.
0.1180
REF.


Similar Part No. - MASW-003102-1359

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-003102-13590 MA-COM-MASW-003102-13590 Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MASW-003102-13590G MA-COM-MASW-003102-13590G Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MASW-003102-13590G MA-COM-MASW-003102-13590G Datasheet
152Kb / 7P
   HMIC Silicon PIN Diode Switches
MASW-003102-13590W MA-COM-MASW-003102-13590W Datasheet
152Kb / 7P
   HMIC Silicon PIN Diode Switches
More results

Similar Description - MASW-003102-1359

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1_15 Datasheet
705Kb / 7P
   HMIC Silicon PIN Diode Switches with Integrated Bias Network
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MASW-002102-13580 MA-COM-MASW-002102-13580 Datasheet
151Kb / 7P
   HMIC??Silicon PIN Diode Switches with Integrated Bias Network
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MASW011053 MA-COM-MASW011053_15 Datasheet
707Kb / 6P
   HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MASW-011053 MA-COM-MASW-011053 Datasheet
707Kb / 6P
   HMIC Silicon PIN Diode SP3T Switch with Integrated Bias Network
MASW011052 MA-COM-MASW011052_15 Datasheet
703Kb / 6P
   HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-011052 MA-COM-MASW-011052_15 Datasheet
703Kb / 6P
   HMIC Silicon PIN Diode SP2T Switch with Integrated Bias Network
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com