Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPDCC0011-TB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0011-TB
Description  Low Cost Two-Way GMIC SMT Power Divider 824 ??960 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0011-TB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0011-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0011-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0011-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0011-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPDCC0011-TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Cost Two-Way GMIC SMT Power Divider
824 – 960 MHz
Rev. V2
MAPDCC0011
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
VSWR vs. Frequency
Isolation vs. Frequency
Phase Balance vs. Frequency
(Relative to RF1)
Typical Performance Curves @ 25ºC
Insertion Loss vs. Frequency
(Dashed lines show amplitude balance window)
Insertion Loss vs. Frequency
(Dashed lines show Amplitude Balance window)
-1
-0.75
-0.5
-0.25
0
824
858
892
926
960
Frequency MHz
VSWR vs. Frequency
1
1.2
1.4
1.6
1.8
2
824
858
892
926
960
Frequency MHz
Input
Output
Isolation vs. Frequency
-20
-15
-10
-5
0
824
858
892
926
960
Frequency MHz
Phase Balance vs. Frequency
(Relative to RF1)
-10
-8
-6
-4
-2
0
824
858
892
926
960
Frequency MHz


Similar Part No. - MAPDCC0011-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0011-TB MACOM-MAPDCC0011-TB Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0011-TB MA-COM-MAPDCC0011-TB Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
More results

Similar Description - MAPDCC0011-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
DS52-0008 MACOM-DS52-0008 Datasheet
46Kb / 2P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
   Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
logo
Tyco Electronics
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
   Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
M/A-COM Technology Solu...
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com