Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

824521401 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 824521401
Description  WE-TVSP Power TVS Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

824521401 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  824521401 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 824521401 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 824521401 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 824521401 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 824521401 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 824521401 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 824521401 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cautions & Warnings:
The following conditions apply to all goods within the product series of WE-TVSP of Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with. Further the TVS Diode is
not designed for voltage stabilization with continuous power dissipation.
The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided.
The exposure of steam, saline spray, atmosphere with reduced oxygen content, corrosive gases, rain or condensation and direct sunlight
shall be prohibited.
If the product is potted in customer applications, the potting material might shrink and react chemically during and after hardening.
According to this the product is exposed to the pressure and material of the potting material with the effect that the body and termination is
possibly damaged by this pressure or the chemically reaction and so the electrical as well as the mechanical characteristics and the life
time are in danger to be affected. After the potting material is cured, the body and termination of the product have to be checked if any
reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Cleaning agents that are used to clean the application might damage or change the characteristics of the component, body, pins or
termination and might reduce the life time.
Direct mechanical impact to the product shall be prevented as the material of the body could flake or in the worst case it could break.
Signals operated continuously with a high ratio of direct-current voltage might have an influence on the product life time.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be
sustained.
• All products shall be used before the end of the period of 12 months based on the product date-code, if not a 100% solderability can
not be warranted.
• Violation of the technical product specifications such as exceeding the nominal rated voltage will result in the loss of warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
WE
WE
DIN ISO 2768-1m
DESCRIPTION
WE-TVSP Power TVS Diode
ORDER CODE
824521401
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
DO-214AA
001.000
Draft
2015-11-05
eiSos
6/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 824521401

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824521402 WURTH-824521402 Datasheet
537Kb / 7P
   WE-TVSP Power TVS Diode
001.001
More results

Similar Description - 824521401

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824501581 WURTH-824501581 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824541751 WURTH-824541751 Datasheet
329Kb / 7P
   WE-TVSP Power TVS Diode
824520102 WURTH-824520102 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
824520281 WURTH-824520281 Datasheet
410Kb / 7P
   WE-TVSP Power TVS Diode
824520331 WURTH-824520331 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
824501111 WURTH-824501111 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824501141 WURTH-824501141 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824501331 WURTH-824501331 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824501401 WURTH-824501401 Datasheet
330Kb / 7P
   WE-TVSP Power TVS Diode
824540131 WURTH-824540131 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
824540281 WURTH-824540281 Datasheet
409Kb / 7P
   WE-TVSP Power TVS Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com