Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1700A0061640 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1700A0061640
Description  24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1700A0061640 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1700A0061640 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1700A0061640 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1700A0061640 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1700A0061640 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Voltage
300 V RMS
Maximum DCR Unbalanced:
DCR Unbalance @ 20°C (%)
3
Electrical Characteristics-Premise (Overall)
Premise Cable Electrical Table 1:
Freq. (MHz) Max. Attenuation (dB/100 m) Min. PSNEXT (dB) Min. PSACR (dB) Min RL (dB)
1
2.000
68.3
66.3
20.000
4
4.000
59.3
55.3
23.000
8
5.700
54.8
49.1
24.500
10
6.400
53.3
46.9
25.000
16
8.100
50.3
42.2
25.000
20
9.100
48.8
39.7
25.000
25
10.200
47.3
37.1
25.000
31.25
11.400
45.9
34.5
25.000
62.5
16.400
41.4
25.0
25.000
100
21.000
38.3
17.3
25.000
155
26.600
35.4
8.8
19.000
200
30.500
33.8
3.3
19.000
250
34.300
32.3
>0
18.000
300
38.000
28.2
18.000
350
41.400
27.2
17.000
Premise Cable Electrical Table 2:
Freq. (MHz) Input (Unfitted) Imp. (Ohms) Fitted Impedance Min. PSACRF (dB)
1
100 ± 12
105 ± 10
64.8
4
100 ± 12
100 ± 10
52.8
8
100 ± 12
100 ± 10
46.7
10
100 ± 12
100 ± 10
44.8
16
100 ± 12
100 ± 10
40.7
20
100 ± 12
100 ± 10
38.8
25
100 ± 15
100 ± 10
36.8
31.25
100 ± 15
100 ± 10
34.9
62.5
100 ± 15
100 ± 10
28.9
100
100 ± 15
100 ± 10
24.8
155
100 ± 18
100 ± 10
21.0
200
100 ± 18
100 ± 10
18.8
250
100 ± 20
100 ± 10
16.8
300
100 ± 20
100 ± 10
11.2
350
100 ± 22
100 ± 10
9.9
Premise Cable Electrical Table 4:
Frequency (MHz) Min. TCL (dB) Min. ELTCTL (dB)
1.000
40.000
35.000
4.000
40.000
23.000
8.000
40.000
16.900
10.000
40.000
15.000
16.000
38.000
10.900
20.000
37.000
9.000
25.000
36.000
7.000
31.250
35.100
62.500
32.000
100.000
30.000
155.000
28.100
200.000
27.000
250.000
26.000
Notes (Overall)
Page 3 of 4
06-08-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1700A Multi-Conductor - Enhanced Category 5E Bonded-Pair Cable


Similar Part No. - 1700A0061640

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1700A0061640 BELDEN-1700A0061640 Datasheet
179Kb / 3P
   Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
More results

Similar Description - 1700A0061640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11700A ETC2-11700A Datasheet
35Kb / 5P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
7989R ETC2-7989R Datasheet
90Kb / 3P
   Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
   24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
   22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com