Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1694A0105000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1694A0105000
Description  RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1694A0105000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1694A0105000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1694A0105000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1694A0105000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1694A0105000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
RG Type:
6/U
Flame Test
UL Flame Test:
UL1666 Vertical Shaft
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes - Black only
Suitability - Aerial:
Yes - Black only, when supported by a messenger wire
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
1695A
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
75
Nom. Inductance:
Inductance (µH/m)
0.347786
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
53.1522
Nominal Velocity of Propagation:
VP (%)
82
Nominal Delay:
Delay (ns/m)
4.06844
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
20.9984
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
9.1868
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
1.000
0.787
3.580
1.444
5.000
1.706
6.000
1.870
7.000
2.001
10.000
2.330
12.000
2.559
25.000
3.543
67.500
5.414
71.500
5.545
88.500
6.103
100.000
6.398
135.000
7.349
143.000
7.546
Page 2 of 4
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1694A Coax - Low Loss Serial Digital Coax


Similar Part No. - 1694A0105000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1694A0105000 ETC2-1694A0105000 Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
logo
Belden Inc.
1694A0105000 BELDEN-1694A0105000 Datasheet
251Kb / 4P
   Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
More results

Similar Description - 1694A0105000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
7807A ETC2-7807A Datasheet
102Kb / 3P
   RG-58 type, 17 AWG solid .044 bare copper conductor, gas-injected foam HDPE insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
   RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
   20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com