Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM365F110M300B00 Datasheet(PDF) 3 Page - Vicor Corporation

Part # BCM365F110M300B00
Description  Fixed Ratio DC-DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM365F110M300B00 Datasheet(HTML) 3 Page - Vicor Corporation

  BCM365F110M300B00 Datasheet HTML 1Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 2Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 3Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 4Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 5Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 6Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 7Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 8Page - Vicor Corporation BCM365F110M300B00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 3 of 19
07/2015
800 927.9474
BCM352x110y300B00
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
POWERTRAIN
Input voltage range, continuous
VIN_DC
330
365
V
Input voltage range, transient
VIN_TRANS
Full current or power supported, 50 ms max,
330
365
V
10% duty cycle max
Quiescent power
PQ
Disabled, PC Low
360
432
mW
VIN to VOUT time
TON1
VIN = 352 V, PC floating
380
440
500
ms
No load power dissipation
PNL
VIN = 352 V, TC = 25ºC
6.4
7.7
W
VIN = 352 V
3
15
VIN = 330 V to 365 V, TC = 25 ºC
11
VIN = 330 V to 365 V
15
Inrush current peak
IINR_P
Worst case of: VIN = 365 V, COUT = 1200 µF,
1.7
3.5
A
RLOAD = 1.6 Ω
DC input current
IIN_DC
At POUT= 300 W
0.9
A
Transformation ratio
K
K = VOUT/VIN, at no load
1/32
V/ V
Output power (average)
POUT_AVG
IOUT_AVG ≤ #REF! A
300
W
Output power (peak)
POUT_PK
10 ms max, POUT_AVG ≤ 300 W
450
W
Output current (average)
IOUT_AVG
POUT_AVG < 300 W
28.5
A
Output current (peak)
IOUT_PK
10 ms max, IOUT_AVG ≤ 28.5 A
41.0
A
VIN = 352 V, IOUT = 28.5 A; Tc = 25 °C
94.5
95.5
Efficiency (ambient)
hAMB
VIN = 330 V to 365 V, IOUT = 28.5 A; Tc = 25°C
94.0
%
VIN = 352 V, IOUT = 14.25 A; Tc = 25 °C
94.0
94.4
Efficiency (hot)
hHOT
VIN = 352 V, IOUT = 28.5 A; Tc = 100 °C
94.0
95.2
%
Efficiency (over load range)
h
20%
5.70 A < IOUT < 28.5 A
90.0
%
ROUT_COLD
IOUT = 28.5 A, Tc = -40 °C
2.5
5.0
7.0
m
Ω
Output resistance
ROUT_AMB
IOUT = 28.5 A, Tc = 25 °C
5.4
7.7
10.7
m
Ω
ROUT_HOT
IOUT = 28.5 A, TC = 100 °C
7.0
10.0
13.0
m
Ω
Switching frequency
FSW
1.85
1.95
2.05
MHz
Output voltage ripple
VOUT_PP
COUT = 0 F, IOUT = 28.5 A, VIN = 352 V,
200
400
mV
20 MHz BW, Section 10
Output inductance (parasitic)
LOUT_PAR
Frequency up to 30 MHz,
500
pH
Simulated J-lead model
Output capacitance (internal)
COUT_INT
Effective value at 11 VOUT
31.0
µF
Output capacitance (external)
COUT_EXT
See Figure 13 for output capacitance vs.
0
1200
µF
startup load limits
2.0 ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature
range of -40 °C < TC < 100 °C (T-Grade); All other specifications are at TC = 25 ºC unless otherwise noted.


Similar Part No. - BCM365F110M300B00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3033 BOARDCOM-BCM3033 Datasheet
137Kb / 2P
   QAMLINK UNIVERSAL MODULATOR
BCM3034 BOARDCOM-BCM3034 Datasheet
122Kb / 2P
   UNIVERSAL ADVANCED DOWNSTREAM MODULATOR
BCM3034 BOARDCOM-BCM3034 Datasheet
479Kb / 2P
   ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
BCM3037 BOARDCOM-BCM3037 Datasheet
119Kb / 2P
   BCM3037 QAMLINK-R UNIVERSAL BURST MODULATOR
BCM3037 BOARDCOM-BCM3037 Datasheet
479Kb / 2P
   ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
More results

Similar Description - BCM365F110M300B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com