Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1700A0041000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1700A0041000
Description  24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1700A0041000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1700A0041000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1700A0041000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1700A0041000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1700A0041000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Notes: Belden IBDN. Jacket sequentially marked at 2 ft. intervals. Third party verified to ANSI/TIA-568-C.2 Category 5e
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
1700A B02U1000
305 MT
9.525 KG
PURPLE
CAT5E+ 4PRB U/UTP CMR BOX
1700A B021000
305 MT
9.979 KG
PURPLE
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A F2VU1000
305 MT
9.525 KG
GRAY, DEC
CAT5E+ 4PRB U/UTP CMR BOX
1700A F2V1000
305 MT
9.979 KG
GRAY, DEC
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A F2V3000
914 MT
28.576 KG
GRAY, DEC
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 002U1000
305 MT
9.525 KG
RED
CAT5E+ 4PRB U/UTP CMR BOX
1700A 0021000
305 MT
9.979 KG
RED
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 0023000
914 MT
28.576 KG
RED
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 003U1000
305 MT
9.525 KG
ORANGE
CAT5E+ 4PRB U/UTP CMR BOX
1700A 0031000
305 MT
9.979 KG
ORANGE
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 004U1000
305 MT
9.525 KG
YELLOW
CAT5E+ 4PRB U/UTP CMR BOX
1700A 0041000
305 MT
9.979 KG
YELLOW
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 005U1000
305 MT
9.525 KG
GREEN, DARK
CAT5E+ 4PRB U/UTP CMR BOX
1700A 0051000
305 MT
9.979 KG
GREEN, DARK
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 006U1000
305 MT
9.525 KG
BLUE, LIGHT
CAT5E+ 4PRB U/UTP CMR BOX
1700A 0061000
305 MT
9.979 KG
BLUE, LIGHT
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 0061640
500 MT
16.366 KG
BLUE, LIGHT
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 0063000
914 MT
28.576 KG
BLUE, LIGHT
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 008U1000
305 MT
9.525 KG
GRAY
CAT5E+ 4PRB U/UTP CMR BOX
1700A 009U1000
305 MT
9.525 KG
WHITE
C
CAT5E+ 4PRB U/UTP CMR BOX
1700A 0091000
305 MT
9.979 KG
WHITE
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 0093000
914 MT
28.576 KG
WHITE
C
CAT5E+ 4PRB U/UTP CMR REEL
1700A 010U1000
305 MT
9.525 KG
BLACK
CAT5E+ 4PRB U/UTP CMR BOX
1700A 0101000
305 MT
9.979 KG
BLACK
C
CAT5E+ 4PRB U/UTP CMR REEL
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 7
Revision Date: 05-04-2011
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 4 of 4
06-08-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1700A Multi-Conductor - Enhanced Category 5E Bonded-Pair Cable


Similar Part No. - 1700A0041000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1700A004U1000 BELDEN-1700A004U1000 Datasheet
179Kb / 3P
   Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
More results

Similar Description - 1700A0041000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11700A ETC2-11700A Datasheet
35Kb / 5P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
7989R ETC2-7989R Datasheet
90Kb / 3P
   Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
   24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
   22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com