Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM380P475T1K2A30 Datasheet(PDF) 8 Page - Vicor Corporation

Part # BCM380P475T1K2A30
Description  Fixed Ratio DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM380P475T1K2A30 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM380P475T1K2A30 Datasheet HTML 4Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 5Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 6Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 7Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 8Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 9Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 10Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 11Page - Vicor Corporation BCM380P475T1K2A30 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
BCM® Bus Converter
Rev 1.7
vicorpower.com
Page 8 of 25
07/2015
800 927.9474
BCM380x475y1K2A3z
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Protection SECONDARY to PRIMARY (Reverse Direction)
Secondary Overvoltage Lockout
Threshold
VSEC_OVLO+
Module latched shutdown with VPRI_DC < VPRI_UVLO-_R
52.5
54.5
56.5
V
Secondary Overvoltage Lockout
Response Time
tPRI_OVLO
100
µs
Secondary Undervoltage Lockout
Threshold
VSEC_UVLO-
Module latched shutdown with VPRI_DC < VPRI_UVLO-_R
14
15
16
V
Secondary Undervoltage Lockout
Response Time
tSEC_UVLO
100
µs
Primary Undervoltage Lockout
Threshold
VPRI_UVLO-_R
Applies only to reversilbe products in forward and in
reverse direction; IPRI_DC ≤ 20 while VPRI_UVLO-_R
< VPRI_DC < VPRI_MIN
110
120
130
V
Primary Undervoltage Recovery
Threshold
VPRI_UVLO+_R
Applies only to reversilbe products in forward and in
reverse direction;
120
130
150
V
Primary Undervoltage Lockout
Hysteresis
VPRI_UVLO_HYST_R
Applies only to reversilbe products in forward and in
reverse direction;
10
V
Primary Output Overcurrent Trip
Threshold
IPRI_OUT_OCP
Module latched shutdown with VPRI_DC < VPRI_UVLO-_R
3.5
4
6
A
Primary Output Overcurrent
Response Time Constant
tPRI_OUT_OCP
Effective internal RC filter
3.6
ms
Primary Short Circuit Protection Trip
Threshold
IPRI_SCP
Module latched shutdown with VPRI_DC < VPRI_UVLO-_R
5.6
A
Primary Short Circuit Protection
Response Time
tPRI_SCP
1
µs
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - BCM380P475T1K2A30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   BCM짰 Bus Converter
More results

Similar Description - BCM380P475T1K2A30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com