Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1344182 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1344182
Description  Tinned copper, PVC insulation, medium wall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1344182 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1344182 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1344182 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
Description:
Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant.
Inert to most chemicals, oils, and solvents. Covers single cond., PVC insulated hook-up wire for internal
wiring of electrical and electronic equipment.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
18
16x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.4318
Overall Insulation
Overall Cabling
Overall Nominal Diameter:
2.032 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
10/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Military Specification:
MIL-W-76C
MIL Spec Rating:
1000 V, 80°C
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8522 001100
30 MT
0.363 KG
BROWN
18 STR PVC BRN
8522 0011000
305 MT
3.629 KG
BROWN
P
18 STR PVC BRN
8522 002100
30 MT
0.363 KG
RED
18 STR PVC RED
8522 0021000
305 MT
3.629 KG
RED
P
18 STR PVC RED
Page 1 of 2
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8522 Hook-up/Lead - (Type MW) MIL-W-76C-PVC


Similar Part No. - 1344182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344180 ETC2-1344180 Datasheet
96Kb / 2P
   Tinned copper, PVC insulation, medium wall
1344181 ETC2-1344181 Datasheet
97Kb / 2P
   Tinned copper, PVC insulation, medium wall
1344184 ETC2-1344184 Datasheet
93Kb / 2P
   Made in accordance with the performance requirements of Federal Spec
1344186 ETC2-1344186 Datasheet
93Kb / 2P
   Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
1344187 ETC2-1344187 Datasheet
95Kb / 2P
   Stranded silver-coated copper conductor insulation with extruded TFE Teflon
More results

Similar Description - 1344182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344180 ETC2-1344180 Datasheet
96Kb / 2P
   Tinned copper, PVC insulation, medium wall
1344181 ETC2-1344181 Datasheet
97Kb / 2P
   Tinned copper, PVC insulation, medium wall
1345963 ETC2-1345963 Datasheet
95Kb / 2P
   Tinned copper, PVC insulation, medium wall.
1344917 ETC2-1344917 Datasheet
96Kb / 2P
   Tinned copper, PVC insulation, medium wall
1344845 ETC2-1344845 Datasheet
98Kb / 2P
   Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
1345962 ETC2-1345962 Datasheet
95Kb / 2P
   Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
1344531 ETC2-1344531 Datasheet
97Kb / 2P
   Tinned copper, PVC insulation, medium wall. The extruded PVC insulation is flame and ozone resistant
1344172 ETC2-1344172 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1347832 ETC2-1347832 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1347078 ETC2-1347078 Datasheet
99Kb / 2P
   Tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com