Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2-5PA-2.54DS Datasheet(PDF) 2 Page - Hirose Electric

Part # A2-5PA-2.54DS
Description  2.54mm Pitch High Density Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A2-5PA-2.54DS Datasheet(HTML) 2 Page - Hirose Electric

  A2-5PA-2.54DS Datasheet HTML 1Page - Hirose Electric A2-5PA-2.54DS Datasheet HTML 2Page - Hirose Electric A2-5PA-2.54DS Datasheet HTML 3Page - Hirose Electric A2-5PA-2.54DS Datasheet HTML 4Page - Hirose Electric A2-5PA-2.54DS Datasheet HTML 5Page - Hirose Electric A2-5PA-2.54DS Datasheet HTML 6Page - Hirose Electric A2-5PA-2.54DS Datasheet HTML 7Page - Hirose Electric A2-5PA-2.54DS Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
C3
s Ordering Information
q Series Name: A
w Series No.:1 (double row)
2 (single row)
e Number of contacts: A1...6, 8, 10, 12, 14, 16, 20, 24, 26,
34, 40, 50, 60, 64
A2...1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12,
13, 14, 15, 16, 17, 18, 19, 20
r P: Pin header
t A: Selective gold plated
y Contact pitch : 2.54mm
u Contact type:
DS : Right angle type
DSA : Straight type
K Pin Header
A 1 - 6 P A - 2.54 DS
qr
e
wt
y
q Series Name : A
w Series No. : 1 (double row)
2 (single row)
e Number of contacts: A1 : 8, 10, 12
A2 : 5, 6
r Contact alignment : A1 : D (double row)
A2 : S (single row)
t Contact pitch : 2.54mm
y Connection type: C : crimping
K Crimping Socket
A 1 - 12 D - 2.54 C
qt
er
wy
q Series Name : A
w Series No. : 1
e Applicable cable size
2226: AWG#22~ AWG#26
2630: AWG#26~ AWG#30
3236: AWG#32~ AWG#36
r Packaging type
SCFC : Reel
SCC : Bag
K Crimping Contact
A 1 - 3236 - SCFC
q
er
w
u


Similar Part No. - A2-5PA-2.54DS

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
A2-SERIES TXC-A2-SERIES Datasheet
687Kb / 1P
   Reliable glass sealed ceramic package.
logo
Nel Frequency Controls,...
A2-X14AXX NEL-A2-X14AXX Datasheet
105Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
More results

Similar Description - A2-5PA-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-6PA-2.54DS HIROSE-A1-6PA-2.54DS_17 Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Adam Technologies, Inc.
HMCA-B-184-G-SMT ADAM-TECH-HMCA-B-184-G-SMT Datasheet
109Kb / 1P
   HIGH DENSITY CARD EDGE CONNECTOR
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Molex Electronics Ltd.
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com