Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21C-A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BAS21C-A
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS21C-A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAS21C-A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS21C-A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAS21C-A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
S21C
BA
S21S
MARKING:JS2
MARKING:JS3
MARKING:JS
4
SOT-23
250
400
200
1
50
-55~+150
BAS21/A/C/S -A
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
BA
S21
MARKING: JS
Maximum Ratings @Ta=25
Parameter
Symbol
Limit
Unit
Repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
V
Forward continuous current
mA
Average rectified output current
mA
A
Repetitive peak forward surge current
mA
Power dissipation
PD
mW
Thermal resistance junction to ambient
RθJA
℃/W
Junction temperature
TJ
Storage temperature range
TSTG
Forward Surge Current @t=8.3ms
Non-Repetitive Peak
IFM
IO
IFSM
IFRM
555
225
625
2.5
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 100µA
250
V
Reverse voltage leakage current
IR
VR=200V
0.
1
µA
Forward voltage
VF
IF=100mA
IF=200mA
1000
1250
mV
Diode capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,Irr=0.1×IR,RL=100Ω
50
n
s
JS
JS2
JS3
JS4
Switching Diode
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20140305
H
BA
S21
AEC-Q 101 qualified
Base P/N - RoHS compliant, commercial grade
Base P/N-A - RoHS compliant, AEC-Q101 qualified


Similar Part No. - BAS21C-A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS21C WEITRON-BAS21C Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Nanjing International G...
BAS21C DGNJDZ-BAS21C Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
BAS21C PANJIT-BAS21C Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Jiangsu Changjiang Elec...
BAS21C JIANGSU-BAS21C Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21C BILIN-BAS21C Datasheet
177Kb / 3P
   Surface mount switching diode
More results

Similar Description - BAS21C-A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com