Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF5A-4S-5C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF5A-4S-5C
Description  5mm Pitch Miniature Potting Connector for Secondary Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5A-4S-5C Datasheet(HTML) 4 Page - Hirose Electric

  DF5A-4S-5C Datasheet HTML 1Page - Hirose Electric DF5A-4S-5C Datasheet HTML 2Page - Hirose Electric DF5A-4S-5C Datasheet HTML 3Page - Hirose Electric DF5A-4S-5C Datasheet HTML 4Page - Hirose Electric DF5A-4S-5C Datasheet HTML 5Page - Hirose Electric DF5A-4S-5C Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B88
sDouble Row Socket
sDouble Row Pin Header
Part Number
CL No.
Number of Contacts
EF
DF5A- 4DS-5C
676-0025-0
4
5.0
10.5
DF5A- 6DS-5C
676-0026-2
6
10.0
15.5
DF5A- 8DS-5C
676-0027-5
8
15.0
20.5
DF5A-10DS-5C
676-0028-8
10
20.0
25.5
DF5A-12DS-5C
676-0036-6
12
25.0
30.5
DF5A-14DS-5C
676-0037-9
14
30.0
35.5
DF5A-16DS-5C
676-0038-1
16
35.0
40.5
Note: A packaging quantity is delivered by the
bag unit (100 pcs.).
Part Number
CL No.
Number of Contacts
GH
DF5A- 4DP-5DSA
676-0029-0
4
5.0
12.5
DF5A- 6DP-5DSA
676-0030-0
6
10.0
17.5
DF5A- 8DP-5DSA
676-0031-2
8
15.0
22.5
DF5A-10DP-5DSA
676-0032-5
10
20.0
27.5
DF5A-12DP-5DSA
676-0033-8
12
25.0
32.5
DF5A-14DP-5DSA
676-0034-0
14
30.0
37.5
DF5A-16DP-5DSA
676-0035-3
16
35.0
42.5
Note: A packaging quantity is delivered by the
bag unit (100 pcs.).
Contact Inserted


Similar Part No. - DF5A-4S-5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-4S-5C HIROSE-DF5A-4S-5C Datasheet
220Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5A-4S-5C HIROSE-DF5A-4S-5C Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
More results

Similar Description - DF5A-4S-5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF5A-2S-5C HIROSE-DF5A-2S-5C_1 Datasheet
220Kb / 6P
   5mm Pitch Miniature Potting Connector for Secondary Power Supply
DF5 HIROSE-DF5 Datasheet
203Kb / 5P
   5mm Pitch Miniature Potting Connectors for Secondary Power Supply
logo
Fujitsu Component Limit...
MB39A113 FUJITSU-MB39A113 Datasheet
643Kb / 51P
   ASSP for Power Supply Applications (Secondary Battery)
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
Hitachi Semiconductor
HA16341NT HITACHI-HA16341NT Datasheet
230Kb / 21P
   Redundant Secondary Switching Power Supply Controller
logo
Renesas Technology Corp
HA16341NT RENESAS-HA16341NT Datasheet
414Kb / 20P
   Redundant Secondary Switching Power Supply Controller
logo
Hirose Electric
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com