Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8759 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8759
Description  20 AWG stranded (7x28) tinned copper conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8759 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8759 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8759 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8759 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AWM Specification:
UL Style 2095 (300 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
10/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
C(UL) Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
43
Nom. Inductance:
Inductance (µH/m)
0.55777
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
154.207
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
259.199
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
32.81
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
3.9 Amps per conductor @ 25°C
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8759 060U1000
305 MT
10.886 KG
CHROME
1 PR #20 PVC SHLD PVC
8759 060U500
152 MT
5.670 KG
CHROME
2 #20 PVC SHLD PVC
8759 0601000
305 MT
11.340 KG
CHROME
C
1 PR#20 PVC SHLD PVC
Notes:
C = CRATE REEL PUT-UP.
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8759 Multi-Conductor - Single-Pair Cable


Similar Part No. - 8759

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8759 BELDEN-8759 Datasheet
168Kb / 3P
   Audio Cable, #20-1pr, TC, O/A Braid, CM
12-19-2022
8759-0601000 BELDEN-8759-0601000 Datasheet
168Kb / 3P
   Audio Cable, #20-1pr, TC, O/A Braid, CM
12-19-2022
8759-060U1000 BELDEN-8759-060U1000 Datasheet
168Kb / 3P
   Audio Cable, #20-1pr, TC, O/A Braid, CM
12-19-2022
8759-060U500 BELDEN-8759-060U500 Datasheet
168Kb / 3P
   Audio Cable, #20-1pr, TC, O/A Braid, CM
12-19-2022
logo
Molex Electronics Ltd.
87591-0420 MOLEX9-87591-0420 Datasheet
74Kb / 3P
   2.50mm (.098) Pitch Wire-to-Board Header, Right Angle, Friction Lock, 4 Circuit
More results

Similar Description - 8759

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9463 ETC2-9463 Datasheet
89Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9892 ETC2-9892 Datasheet
104Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
29545 ETC2-29545 Datasheet
29Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket.
1344417 ETC2-1344417 Datasheet
96Kb / 2P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
8725 ETC2-8725 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com