Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF2-2P-2.5C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF2-2P-2.5C
Description  2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF2-2P-2.5C Datasheet(HTML) 4 Page - Hirose Electric

  DF2-2P-2.5C Datasheet HTML 1Page - Hirose Electric DF2-2P-2.5C Datasheet HTML 2Page - Hirose Electric DF2-2P-2.5C Datasheet HTML 3Page - Hirose Electric DF2-2P-2.5C Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B135
BPrecautions
1. Recommended Soldering Condition
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
sAfter the soldering process, if a load is applied to the cable in the state where the connector
and the cable contains heat, the cable jacket holding members are apt to be loosened.
Therefore, the post-soldering process should be carried out after the connector temperature
returns to the room temperature.
2. Cleaning Condition
Refer to Nylon Connector Use Hand book.
Don't use such a solvent as trichloroethane which degrades the cable jacket.
In addition, avoid heat cleaning with such a solvent.
3. Connection Condition
Refer to Nylon Connector Use Hand book.


Similar Part No. - DF2-2P-2.5C

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DF2-25PM-MG YAMAICHI-DF2-25PM-MG Datasheet
40Kb / 1P
   IDC Type (Male / Female)
DF2-25PM-MN YAMAICHI-DF2-25PM-MN Datasheet
40Kb / 1P
   IDC Type (Male / Female)
DF2-25PM-PG YAMAICHI-DF2-25PM-PG Datasheet
40Kb / 1P
   IDC Type (Male / Female)
DF2-25PM-PN YAMAICHI-DF2-25PM-PN Datasheet
40Kb / 1P
   IDC Type (Male / Female)
DF2-25SM-MG YAMAICHI-DF2-25SM-MG Datasheet
40Kb / 1P
   IDC Type (Male / Female)
More results

Similar Description - DF2-2P-2.5C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com