Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM18-218127111 Datasheet(PDF) 5 Page - SICK AG

Part # UM18-218127111
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UM18-218127111 Datasheet(HTML) 5 Page - SICK AG

  UM18-218127111 Datasheet HTML 1Page - SICK AG UM18-218127111 Datasheet HTML 2Page - SICK AG UM18-218127111 Datasheet HTML 3Page - SICK AG UM18-218127111 Datasheet HTML 4Page - SICK AG UM18-218127111 Datasheet HTML 5Page - SICK AG UM18-218127111 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UM18-218127111 | UM18
ULTRASONIC SENSORS
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket, M18 thread, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Terminal and alignment brackets
Mounting bracket with ball-and-socket, plastic, mounting hardware included
BEF-WN-M18-ST02
5312973
Clamping block for round sensors M18, with fixed stop, plastic (PA12), glass-fiber rein-
forced, mounting hardware included
BEF-KHF-M18
2051482
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Programming and configuration tools
Tool for visualization, configuration and cloning, 3-digit LED display, supply voltage: DV
9 V ... 30 V
Connect+
adapter (CPA)
6037782
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5


Similar Part No. - UM18-218127111

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-218127112 SICK-UM18-218127112 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - UM18-218127111

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com