Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1-20PA-2.54DSA Datasheet(PDF) 7 Page - Hirose Electric

Part # A1-20PA-2.54DSA
Description  2.54mm Pitch High Density Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A1-20PA-2.54DSA Datasheet(HTML) 7 Page - Hirose Electric

  A1-20PA-2.54DSA Datasheet HTML 1Page - Hirose Electric A1-20PA-2.54DSA Datasheet HTML 2Page - Hirose Electric A1-20PA-2.54DSA Datasheet HTML 3Page - Hirose Electric A1-20PA-2.54DSA Datasheet HTML 4Page - Hirose Electric A1-20PA-2.54DSA Datasheet HTML 5Page - Hirose Electric A1-20PA-2.54DSA Datasheet HTML 6Page - Hirose Electric A1-20PA-2.54DSA Datasheet HTML 7Page - Hirose Electric A1-20PA-2.54DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
C8
s Crimping Contact
s Polarizing Key
s Crimping Tools
Manual crimping tool
Crimper unit
Applicator
HIF3-TB2226HC
HIF3-TB2630HC
CM-105
AP105-A1-2226S
AP105-A1-2630S
AP105-A1-3236S
550-0154-1
550-0155-4
901-0005-4
901-4008-4
901-4009-7
901-4011-9
A1-2226SCC
A1-2630SCC
–––––––––
A1-2226SCFC
A1-2630SCFC
A1-3236SCFC
AWG#22 to #26
AWG#26 to #30
–––––––––
–––––––––
–––––––––
–––––––––
Part Number
Part Number
CL No.
Applicable Contact Applicable Cable
A1-2226SCFC
A1-2226SCC
A1-2630SCFC
A1-2630SCC
A1-3236SCFC
CL No.
619-0211-0
619-0214-8
619-0212-2
619-0215-0
619-0213-5
Applicable Cable
AWG#22 to #26
AWG#26 to #30
AWG#32 to #36
1.80
1.80
1.35
1.35
1.10
1.8
1.8
1.4
1.4
1.1
0.8
0.8
0.8
0.8
1.7
A
B
C
D
E
F
11.5
11.5
11.5
11.5
12.4
Quantity
10,000
100
10,000
100
10,000
Packaging Type
Reel
Bag
Reel
Bag
Reel
2.3
2.3
2.0
2.0
1.4
2.6
2.6
2.1
2.1
1.5
SCC contact
HIF3-GPIN(A)
SCFC contact
Part Number
HIF3-GPIN(A)
CL No.
562-0126-6
Material
Poly acetal (white)
Remarks
5 pieces set


Similar Part No. - A1-20PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-20PA-2.54DSA HIROSE-A1-20PA-2.54DSA Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
More results

Similar Description - A1-20PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-6PA-2.54DS HIROSE-A1-6PA-2.54DS_17 Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Adam Technologies, Inc.
HMCA-B-184-G-SMT ADAM-TECH-HMCA-B-184-G-SMT Datasheet
109Kb / 1P
   HIGH DENSITY CARD EDGE CONNECTOR
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Molex Electronics Ltd.
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com