Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM18-212127112 Datasheet(PDF) 4 Page - SICK AG

Part # UM18-212127112
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UM18-212127112 Datasheet(HTML) 4 Page - SICK AG

  UM18-212127112 Datasheet HTML 1Page - SICK AG UM18-212127112 Datasheet HTML 2Page - SICK AG UM18-212127112 Datasheet HTML 3Page - SICK AG UM18-212127112 Datasheet HTML 4Page - SICK AG UM18-212127112 Datasheet HTML 5Page - SICK AG UM18-212127112 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UM18-212127112 | UM18
ULTRASONIC SENSORS
Connection diagram
UM18-21xxx6xxx UM18-21xxx7xxx Connector M12, 5-pin
L+
nc
1
4
brn
blk
QA
2
wht
3
M
blu
5
MF
gra
1
2
①  Not assigned
②  Multifunctional input/synchronization and multiplex operation/communication Connect+
Detection area
UM18-212
200
(7.87)
300
(11.81)
300
(11.81)
200
(7.87)
100
(3.94)
100
(3.94)
0
Detection area in mm (inch)
3
4
5
2
1
0
100
(3.94)
300
(11.81)
200
(7.87)
400
(15.75)
500
(19.69)
600
(23.62)
Detection area in mm (inch)
①  Sensing range dependent on reflection properties, size and orientation of the object
②  Limiting range
③  Working range
④  Example object: aligned plate 500 mm x 500 mm
⑤  Example object: pipe with 27 mm diameter
Recommended accessories
Other models and accessories
www.sick.com/UM18
Brief description
Type
Part no.
Universal bar clamp systems
Plate H for universal clamp bracket, steel, zinc coated, universal clamp and mounting
hardware included
BEF-KHS-H01
2022465
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - UM18-212127112

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-212127111 SICK-UM18-212127111 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - UM18-212127112

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com