Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM18-21712A211 Datasheet(PDF) 2 Page - SICK AG

Part # UM18-21712A211
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UM18-21712A211 Datasheet(HTML) 2 Page - SICK AG

  UM18-21712A211 Datasheet HTML 1Page - SICK AG UM18-21712A211 Datasheet HTML 2Page - SICK AG UM18-21712A211 Datasheet HTML 3Page - SICK AG UM18-21712A211 Datasheet HTML 4Page - SICK AG UM18-21712A211 Datasheet HTML 5Page - SICK AG UM18-21712A211 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UM18-21712A211 | UM18
ULTRASONIC SENSORS
Ordering information
Type
Part no.
UM18-21712A211
6048384
Other models and accessories
www.sick.com/UM18
Detailed technical data
Performance
Working range, limiting range
20 mm ... 150 mm, 250 mm
Resolution
≥ 0.069 mm
Repeatability
± 0.15 % 1)
Accuracy
± 1 % 1) 2)
Temperature compensation
Response time
32 ms
Switching frequency
25 Hz
Output time
8 ms
Ultrasonic frequency (typical)
380 kHz
Detection area (typical)
See diagrams
Additional function
Set switching mode: Distance to object (DtO) / Window (Wnd) / Object between sensor and
background (ObSB), teach-in of switching output, invertible switching output, temperature com-
pensation, IO-Link, multifunctional input: external teach / synchronization / multiplexing, syn-
chronization of up to 10 sensors, multiplexing: no cross talk of up to 10 sensors, reset to facto-
ry default 3)
1) Referring to current measurement value.
2) Temperature compensation can be switched off, without temperature compensation: 0.17 % / K.
3) Functions may vary depending on sensor type.
Interfaces
Switching output
1 x push-pull PNP/NPN (100 mA) 1) 2)
Multifunctional input (MF)
1 x MF
Hysteresis
2 mm
Data interface
IO-Link
1) Output Q short-circuit protected.
2) Push-Pull: PNP/NPN HIGH = UV - (< 4 V) / LOW < 2 V.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - UM18-21712A211

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-21712A212 SICK-UM18-21712A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - UM18-21712A211

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com