Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-1320-J Datasheet(PDF) 1 Page - Hirose Electric

Part # AT-1320-J
Description  High Power Fixed Attenuators (Heat sink Mounting Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AT-1320-J Datasheet(HTML) 1 Page - Hirose Electric

  AT-1320-J Datasheet HTML 1Page - Hirose Electric AT-1320-J Datasheet HTML 2Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
88
High Power Fixed Attenuators (Heat sink Mounting Type)
AT-1200 and AT-1300 Series
sFeatures
1.Small Size and Economical
Beryllia is used for the material of the resistance
element to enable the attenuation to be of small
size and low cost.
2.High Power Capacity
Mounting these attenuators to a heat sink permits the
AT-1200 Series to be used at up to 30 W and the AT-
1300 Series to be used at up to 50 W.
3.High Reliability
These attenuators show stable characteristics for
environments of varying temperature, humidity, and
gases.
AT-1210-H • J
AT-1320-H • J
sProduct Specifications
Ratings
Frequency range (Note)
Characteristic impedance
Maximum Input Power (Note)
DC to 2.0 GHz
50 ohms
30 to 50 W
Operating temperature range
Operating relative humidity
-10ç to +65ç
95% Max.
Note: The frequency range and the maximum input power will differ depending on the products.
Item
Standard
Conditions
1.Vibration
2.Shock
3.Temperature cycle
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -55ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
qThe test method conforms to MIL-STD-202.
sMaterials
Part
Connector Body
Stainless steel
Passivated
Conductive white alumite
Gold plating
Body
Female contacts
Insulation
Attenuation element
Aluminum
Beryllium copper
PTFE
Metal film
----------
----------
Material
Finish
sOrdering Information
1
2
3
AT - 12 10 - H
•• J
AT: Indicates a fixed attenuator
Indicates the Series Name
(Maximum Usable Power)
12: HRM type plug - jack 30W
13:
N type plug - jack 50W
1
2
Attenuation
10 : 10dB
20 : 20dB
Coupling Portion
H • J : SMA type jack - jack
N • H :
N type jack - SMA type jack
3
4
4


Similar Part No. - AT-1320-J

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-130 HIROSE-AT-130 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Projects Unlimited, Inc...
AT-1348-TF-LW90-R PUI-AT-1348-TF-LW90-R Datasheet
179Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
logo
PUI audio inc.
AT-1348-TF-LW90-R PUIAUDIO-AT-1348-TF-LW90-R Datasheet
256Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-1320-J

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-2300 HIROSE-AT-2300 Datasheet
221Kb / 3P
   Stripline Mounting Fixed Attenuators
AT-2200 HIROSE-AT-2200 Datasheet
178Kb / 3P
   SMT Stripline Mounting Fixed Attenuators
AT-103 HIROSE-AT-103 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
AT-1903 HIROSE-AT-1903 Datasheet
41Kb / 2P
   Fixed Attenuators - 2W power (SMA type)
HRFC-AT11K-A01 HIROSE-HRFC-AT11K-A01 Datasheet
77Kb / 3P
   FC Type Fixed Attenuators
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
   SC Type Fixed Attenuators
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com